전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QPC2108 데이터시트(PDF) 2 Page - Qorvo, Inc

부품명 QPC2108
상세설명  2.5-4GHz 6-Bit Digital Phase Shifter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  QORVO [Qorvo, Inc]
홈페이지  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC2108 데이터시트(HTML) 2 Page - Qorvo, Inc

  QPC2108 Datasheet HTML 1Page - Qorvo, Inc QPC2108 Datasheet HTML 2Page - Qorvo, Inc QPC2108 Datasheet HTML 3Page - Qorvo, Inc QPC2108 Datasheet HTML 4Page - Qorvo, Inc QPC2108 Datasheet HTML 5Page - Qorvo, Inc QPC2108 Datasheet HTML 6Page - Qorvo, Inc QPC2108 Datasheet HTML 7Page - Qorvo, Inc QPC2108 Datasheet HTML 8Page - Qorvo, Inc QPC2108 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
QPC2108
2.5-4GHz 6-Bit Digital Phase Shifter
Data Sheet Rev.A March 25, 2017
- 2 of 12 -
www.qorvo.com
Electrical Specifications
Test conditions unless otherwise noted: 25°C. Control Voltage (REF, 50, 110, 220, 450, 900, 1800) = 0/+5 V; See Bias Truth Table.
Parameter
Phase
Freq.
(GHz)
Min
Typical
Max
Units
Operational Frequency Range
2.5
4
GHz
Insertion Loss
5
dB
355°
Input Return Loss
16
dB
Output Return Loss
13
dB
RMS Phase Error
2.5, 3.8
< 2.8
degree
2.6
– 3.7
< 2
3.9, 4
< 5
RMS Amplitude Error
< 0.5
dB
Relative Phase
2.5
6.2
degree
2.9
6.5
3.5, 4
5.8
11°
2.5
12.5
2.9
11
3.5, 4
11.7
22°
2.5
21.5
2.9
22.8
3.5
24.6
4
24
45°
2.5
45.4
2.9
43.8
3.5
44.4
4
44.2
90°
2.5
90.4
2.9
87.2
3.5
91
4
90.3
180°
2.5
182.4
2.9
177.5
3.5
180.2
4
188.3
355°
2.5
362.5
2.9
351.4
3.5
355.6
4
369
Switching Speed
< 100
ns
Input P0.1dB
23
dBm
Input IP3 (Spacing = 10 MHz, Pin/Tone = 10 dBm)
45
dBm
Insertion Loss Temperature Coefficient
0.003
dB/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com