| 전자부품 데이터시트 검색엔진 |
|
ART35FE 데이터시트(PDF) 2 Page - Ampleon Netherlands B.V. |
|
|
|||||||||||||||||||||||||||||
ART35FE 데이터시트(HTML) 2 Page - Ampleon Netherlands B.V. |
|
2 / 19 page ![]() ART35FE All information provided in this document is subject to legal disclaimers. © Ampleon Netherlands B.V. 2020. All rights reserved. Product data sheet Rev. 1 — 7 December 2020 2 of 19 ART35FE Power LDMOS transistor 1.3 Applications Industrial, scientific and medical applications Plasma generators MRI systems CO2 lasers Particle accelerators Broadcast FM radio VHF TV Radar Non cellular communications UHF radar 2. Pinning information [1] Connected to flange. 3. Ordering information 4. Limiting values [1] Specified over lifetime at maximum operating temperature. [2] Continuous use at maximum temperature will affect the reliability, for details refer to the online MTF calculator. Table 2. Pinning Pin Description Simplified outline Graphic symbol 1drain 2gate 3source [1] 1 2 3 sym112 1 3 2 Table 3. Ordering information Package name Orderable part number 12NC Packing description Min. orderable quantity (pieces) SOT467C ART35FEU 9349 603 46112 Tray; 20-fold; non-dry pack 20 Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit VDS drain-source voltage [1] - 200 V VGS gate-source voltage 6+11 V Tstg storage temperature 65 +150 C Tj junction temperature [2] - 225 C |