전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BLF183XR 데이터시트(PDF) 2 Page - Ampleon Netherlands B.V.

부품명 BLF183XR
상세설명  Power LDMOS transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPLEON [Ampleon Netherlands B.V.]
홈페이지  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF183XR 데이터시트(HTML) 2 Page - Ampleon Netherlands B.V.

  BLF183XR Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF183XR Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF183XR Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF183XR Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF183XR Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF183XR Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF183XR Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF183XR Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF183XR Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
BLF183XR_BLF183XRS#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
2 of 15
BLF183XR; BLF183XRS
Power LDMOS transistor
2. Pinning information
[1]
Connected to flange.
3. Ordering information
4. Limiting values
[1]
Continuous use at maximum temperature will affect the reliability, for details refer to the on-line MTF
calculator.
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
BLF183XR (SOT1121A)
1drain1
2drain2
3gate1
4gate2
5source
[1]
BLF183XRS (SOT1121B)
1drain1
2drain2
3gate1
4gate2
5source
[1]
2
4
5
3
1
4
3
5
1
2
sym117
12
34 5
4
3
5
1
2
sym117
Table 3.
Ordering information
Type number Package
Name
Description
Version
BLF183XR
-
flanged LDMOST ceramic package; 2 mounting holes;
4 leads
SOT1121A
BLF183XRS
-
earless flanged ceramic package; 4 leads
SOT1121B
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
135
V
VGS
gate-source voltage
6+11
V
Tstg
storage temperature
65
+150
C
Tj
junction temperature
[1] -
225
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15