전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

78TXXAL-TQ3-D-R 데이터시트(PDF) 1 Page - Unisonic Technologies

부품명 78TXXAL-TQ3-D-R
상세설명  LINEAR INTEGRATED CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78TXXAL-TQ3-D-R 데이터시트(HTML) 1 Page - Unisonic Technologies

  78TXXAL-TQ3-D-R Datasheet HTML 1Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 2Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 3Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 4Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 5Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 6Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 7Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
78TXXA
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2005 Unisonic Technologies Co., Ltd.
QW-R101-011,F
3-TERMINAL 1A POSITIVE
VOLTAGE REGULATOR
DESCRIPTION
The UTC 78TXXA family is monolithic fixed voltage regulator
integrated circuit. They are suitable for applications that required
supply current up to 1 A.
FEATURES
*Peak output current up to 1 A
*Fixed output voltage of 3.3V, 4.7V ,5V, 6V, 7V, 8V, 9V, 10V, 12V,
15V, 18V and 24V available
*Thermal overload shutdown protection
*Short circuit current limiting
*Output transistor SOA protection
TO-263
1
1
TO-263-3
*Pb-free plating product number: 78TXXAL
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
1
2
3
Package
Packing
78TxxA-TQ2-D-R
78TxxAL-TQ2-D-R
I
G
O
TO-263
Tape Reel
78TxxA-TQ3-D-R
78TxxAL-TQ3-D-R
I
G
O
TO-263-3
Tape Reel
Note:
xx: output voltage, refer to Marking Information
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
TO-263
TO-263-3
33 :3.3V
47 :4.7V
05 :5.0V
06 :6.0V
07 :7.0V
08 :8.0V
09 :9.0V
10 :10V
12 :12V
15 :15V
18 :18V
24 :24V
12
3
UTC
78TXXA
DATE CODE
VOLTAGE CODE


유사한 부품 번호 - 78TXXAL-TQ3-D-R

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
78TXXAL-TQ3-R UTC-78TXXAL-TQ3-R Datasheet
223Kb / 8P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78TXXAL-TQ3-R UTC-78TXXAL-TQ3-R Datasheet
225Kb / 7P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78TXXAL-TQ3-R UTC-78TXXAL-TQ3-R Datasheet
223Kb / 7P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78TXXAL-TQ3-R UTC-78TXXAL-TQ3-R Datasheet
349Kb / 9P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78TXXAL-TQ3-R UTC-78TXXAL-TQ3-R Datasheet
361Kb / 8P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results

유사한 설명 - 78TXXAL-TQ3-D-R

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com