전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC89C53RC 데이터시트(PDF) 24 Page - List of Unclassifed Manufacturers

부품명 STC89C53RC
상세설명  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

STC89C53RC 데이터시트(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button STC89C53RC Datasheet HTML 20Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 21Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 22Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 23Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 24Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 25Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 26Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 27Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
24
PCA/PWM  特殊功能寄存器 ,  其中部分位与 PCA 中断有关
Mnemonic Add Name
  7
 6
 5
 4
 3
 2
1
 0
Reset value
CCON
D8h PCA Control Register
CF
 CR
-
-
CCF3
CCF2
CCF1
CCF0
00xx,0000
CMOD
D9h PCA Mode Register
 CIDL
 -
 -
-
 -
 CPS1
CPS0
ECF
0xxx,x000
CCAPM0
DAh
PCA Module 0
Mode Register
-
ECOM0 CAPP0 CAPN0 MAT0
TOG0
PWM0
ECCF0 x000,0000
CCAPM1
DBh
PCA Module 1
Mode Register
-
ECOM1 CAPP1 CAPN1 MAT1
TOG1
PWM1
ECCF1 x000,0000
CCAPM2
DCh
PCA Module 2
Mode Register
-
ECOM2 CAPP2 CAPN2 MAT2
TOG2
PWM2
ECCF2 x000,0000
CCAPM3
DDh
PCA Module 3
Mode Register
-
ECOM3 CAPP3 CAPN3 MAT3
TOG3
PWM3
ECCF3 x000,0000
CL
E9h PCA Base Timer Low
0000,0000
CH
F9h PCA Base Timer High
0000,0000
CCAP0L
EAh
PCA Module-0 Capture
Register Low
0000,0000
CCAP0H
FAh
PCA Module-0 Capture
Register High
0000,0000
CCAP1L
EBh
PCA Module-1 Capture
Register Low
0000,0000
CCAP1H
FBh
PCA Module-1 Capture
Register High
0000,0000
CCAP2L
ECh
PCA Module-2 Capture
Register Low
0000,0000
CCAP2H
FCh
PCA Module-2 Capture
Register High
0000,0000
CCAP3L
EDh
PCA Module-3 Capture
Register Low
0000,0000
CCAP3H
FDh
PCA Module-3 Capture
Register High
0000,0000
PCA_PWM0 F2h
PCA PWM Mode
Auxiliary Register 0
-
-
-
-
-
-
EPC0H EPC0L xxxx,xx00
PCA_PWM1 F3h
PCA PWM Mode
Auxiliary Register 1
-
-
-
-
-
-
EPC1H EPC1L xxxx,xx00
PCA_PWM2 F4h
PCA PWM Mode
Auxiliary Register 2
-
-
-
-
-
-
EPC2H EPC2L xxxx,xx00
PCA_PWM3 F5h
PCA PWM Mode
Auxiliary Register 3
-
-
-
-
-
-
EPC3H EPC3L xxxx,xx00
STC12C5410AD 系列 8051  单片机 SPI 功能模块特殊功能寄存器  其中 SPIF 位与中断有关
Mnemonic Add Name
  7
 6
 5
 4
 3
 2
1
 0
Reset value
SPCTL
85h SPI Control Register SSIG  SPEN  DORD MSTR CPOL CPHA SPR1 SPR0 0000,0000
SPSTAT
84h SPI Status Register
SPIF  WCOL
 -
 -
 -
 -
-
-
00xx,xxxx
SPDAT
86h SPI Data Register
0000,0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com