전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CM1117FSCM223 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 CM1117FSCM223
상세설명  1A LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

CM1117FSCM223 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  CM1117FSCM223 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM1117FSCM223 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM1117FSCM223 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM1117FSCM223 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM1117FSCM223 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM1117FSCM223 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM1117FSCM223 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM1117FSCM223 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CM1117F
1A LOW DROPOUT VOLTAGE REGULATOR
2006/03/07 Rev1.0
Champion Microelectronic Corporation
Page 2
ABSOLUTE MAXIMUM RATINGS
Input Voltage …………….…………………………………………….……. +12V
Operating Junction Temperature Range, TJ ……………...… 0℃ to +125℃
Storage Temperature ………………………………….….…... -40℃ to +150℃
Lead Temperature (10 sec.) ……..……………………..….…………….... 260℃
THERMAL INFORMATION
Parameter
Maximum
Unit
Thermal Resistance (Θja)
SOT-223
60
℃
/W
Internal Power Dissipation (PD) (ΔT = 100℃, No Heatsink)
SOT-223
900
mW
Maximum Junction Temperature
125
℃
Maximum Lead Temperature (10 Sec)
260
℃
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8