전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSL1623PH 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 SSL1623PH
상세설명  SMPS IC for mains LED drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1623PH 데이터시트(HTML) 4 Page - NXP Semiconductors

  SSL1623PH_V01 Datasheet HTML 1Page - NXP Semiconductors SSL1623PH_V01 Datasheet HTML 2Page - NXP Semiconductors SSL1623PH_V01 Datasheet HTML 3Page - NXP Semiconductors SSL1623PH_V01 Datasheet HTML 4Page - NXP Semiconductors SSL1623PH_V01 Datasheet HTML 5Page - NXP Semiconductors SSL1623PH_V01 Datasheet HTML 6Page - NXP Semiconductors SSL1623PH_V01 Datasheet HTML 7Page - NXP Semiconductors SSL1623PH_V01 Datasheet HTML 8Page - NXP Semiconductors SSL1623PH_V01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SSL1623PH
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 13 September 2010
4 of 18
NXP Semiconductors
SSL1623PH
SMPS IC for mains LED drivers
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration
SSL1623PH
n.c.
n.c.
n.c.
n.c.
VCC
DRAIN
GND
n.c.
RC
SOURCE
REG
AUX
n.c.
n.c.
SGND
n.c.
014aaa345
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 3.
Pin description
Symbol
Pin
Description
Vcc
3
supply voltage
GND
4
ground
RC
5
frequency setting
REG
6
regulation input
SGND
8
signal ground; preferably connect to pin GND
AUX
11
input for voltage from auxiliary winding for timing (demagnetization)
SOURCE
12
source of internal Metal-Oxide Semiconductor (MOS) switch
n.c.
1, 2, 7, 9, 10,
13, 15, 16.
not connected
DRAIN
14
drain of internal MOS switch; input for start-up current and valley
sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com