전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDF8599B 데이터시트(PDF) 53 Page - NXP Semiconductors

부품명 TDF8599B
상세설명  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B 데이터시트(HTML) 53 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 46Page - NXP Semiconductors TDF8599B Datasheet HTML 47Page - NXP Semiconductors TDF8599B Datasheet HTML 48Page - NXP Semiconductors TDF8599B Datasheet HTML 49Page - NXP Semiconductors TDF8599B Datasheet HTML 50Page - NXP Semiconductors TDF8599B Datasheet HTML 51Page - NXP Semiconductors TDF8599B Datasheet HTML 52Page - NXP Semiconductors TDF8599B Datasheet HTML 53Page - NXP Semiconductors TDF8599B Datasheet HTML 54Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
53 / 54
Fig. 46.
CMRR as a function of frequency ................... 40
Fig. 47.
Example application diagram for dual BTL in
non-I2C-bus mode ...........................................41
Fig. 48.
Example application diagram for dual BTL in
I2C-bus mode ..................................................42
Fig. 49.
Example application diagram for a single
BTL in I2C-bus mode ......................................43
Fig. 50.
Master-slave example application diagram;
two BTL masters and one BTL slave in I2C-
bus mode ........................................................ 44
Fig. 51.
Package outline SOT851-2 (HSOP36) ............45
Fig. 52.
Temperature profiles for large and small
components .....................................................48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54