| 전자부품 데이터시트 검색엔진 |
|
2201618 데이터시트(PDF) 1 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
2201618 데이터시트(HTML) 1 Page - PHOENIX CONTACT |
|
1 / 30 page ![]() © PHOENIX CONTACT 2013-04-08 105504_en_01 ME PLC 40... Data sheet 1 Description The housings of the ME PLC 40... product group consist of a 40-mm wide housing base with much space for the PCB assembly. The housing base can be combined with various covers. There are connection technology carriers on which the PCB plug-in connectors (FKCN 2.5...) are already premounted. These plug-in connectors have a push-in connection for conductor cross sections up to 2.5 mm². In addition, a connection technology carrier with RJ45-plug- in connectors and a universal cover are available. The uni- versal cover is especially suited for installing connection systems or display and operating elements. We would be glad to install the required openings for you. The housings can be snapped onto an NS 105/20 DIN rail. They can be combined with a DIN rail connector. The bus connectors supplied unmounted and can be equipped with PCBs as needed. Bus connectors are available with the number of positions 50/40 and 10/10, i.e. 50-pos. in the DIN rail / 40-pos. into the device or otherwise 10-pos. in the DIN rail / 10-pos. into the device. If you do not need a bus connector, you can also fasten the housing onto two NS 35 DIN rails. The 3D housing data can be found at phoenixcontact.net/products. Make sure you always use the latest documentation. It can be downloaded at phoenixcontact.net/products. This data sheet is valid for all products listed on the following page: Multifunctional housing for complex electronics |
유사한 부품 번호 - 2201618 |
|
유사한 설명 - 2201618 |