전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2201617 데이터시트(PDF) 1 Page - PHOENIX CONTACT

부품명 2201617
상세설명  Multifunctional housing for complex electronics
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201617 데이터시트(HTML) 1 Page - PHOENIX CONTACT

  2201617 Datasheet HTML 1Page - PHOENIX CONTACT 2201617 Datasheet HTML 2Page - PHOENIX CONTACT 2201617 Datasheet HTML 3Page - PHOENIX CONTACT 2201617 Datasheet HTML 4Page - PHOENIX CONTACT 2201617 Datasheet HTML 5Page - PHOENIX CONTACT 2201617 Datasheet HTML 6Page - PHOENIX CONTACT 2201617 Datasheet HTML 7Page - PHOENIX CONTACT 2201617 Datasheet HTML 8Page - PHOENIX CONTACT 2201617 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© PHOENIX CONTACT 2013-04-08
105504_en_01
ME PLC 40...
Data sheet
1
Description
The housings of the ME PLC 40... product group consist of
a 40-mm wide housing base with much space for the PCB
assembly.
The housing base can be combined with various covers.
There are connection technology carriers on which the PCB
plug-in connectors (FKCN 2.5...) are already premounted.
These plug-in connectors have a push-in connection for
conductor cross sections up to 2.5 mm².
In addition, a connection technology carrier with RJ45-plug-
in connectors and a universal cover are available. The uni-
versal cover is especially suited for installing connection
systems or display and operating elements. We would be
glad to install the required openings for you.
The housings can be snapped onto an NS 105/20 DIN rail.
They can be combined with a DIN rail connector. The bus
connectors supplied unmounted and can be equipped with
PCBs as needed.
Bus connectors are available with the number of positions
50/40 and 10/10, i.e. 50-pos. in the DIN rail / 40-pos. into the
device or otherwise 10-pos. in the DIN rail / 10-pos. into the
device.
If you do not need a bus connector, you can also fasten the
housing onto two NS 35 DIN rails.
The 3D housing data can be found at phoenixcontact.net/products.
Make sure you always use the latest documentation.
It can be downloaded at phoenixcontact.net/products.
This data sheet is valid for all products listed on the following page:
Multifunctional housing for complex electronics


유사한 부품 번호 - 2201617

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
2201612 PHOENIX-2201612 Datasheet
183Kb / 5P
ME MAX 22,5 PLATE BU - Insertion plate
More results

유사한 설명 - 2201617

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA5611 SANYO-LA5611 Datasheet
60Kb / 5P
Multifunctional Voltage Regulator for TVs and VCRs
logo
Diodes Incorporated
DRDPB26W DIODES-DRDPB26W Datasheet
305Kb / 9P
COMPLEX ARRAY FOR RELAY DRIVERS
DS30573 Rev. 8 - 2
DRDNB21D DIODES-DRDNB21D Datasheet
97Kb / 5P
COMPLEX ARRAY FOR DUAL RELAY DRIVER
DS30756 Rev. 3 - 2
DVR1V8W DIODES-DVR1V8W Datasheet
97Kb / 5P
COMPLEX ARRAY FOR VOLTAGE REGULATORS
DS30578 Rev. 4 - 2
DRDNB16W DIODES-DRDNB16W_1 Datasheet
355Kb / 9P
COMPLEX ARRAY FOR RELAY DRIVERS
DS30573 Rev. 10 - 2
DVR1V8W DIODES-DVR1V8W_1 Datasheet
146Kb / 5P
COMPLEX ARRAY FOR VOLTAGE REGULATORS
DS30578 Rev. 5 - 2
HBDM60V600W DIODES-HBDM60V600W_08 Datasheet
201Kb / 7P
COMPLEX TRANSISTOR ARRAY FOR BIPOLAR
DS30701 Rev. 5 - 2
logo
PHOENIX CONTACT
2200384 PHOENIX-2200384 Datasheet
80Kb / 3P
Headers for ME/ME MAX electronics housing
logo
List of Unclassifed Man...
PS3010HB ETC1-PS3010HB Datasheet
412Kb / 7P
Instructions for multifunctional switching power supply model
logo
Omron Electronics LLC
G9SP OMRON-G9SP Datasheet
2Mb / 16P
Easy programming for complex safety control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30