전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE112003B 데이터시트(PDF) 1 Page - ACE Technology Co., LTD.

부품명 ACE112003B
상세설명  Dual N-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE112003B 데이터시트(HTML) 1 Page - ACE Technology Co., LTD.

  ACE112003B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE112003B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE112003B Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE112003B
Dual N-Channel Enhancement Mode Power MOSFET
VER 1.1
1
Description
ACE112003B uses advanced trench technology and design to provide excellent RDS(ON) with low gate
charge. It can be used in a load switch or battery protection applications.
Features
⚫
VDS=24V
⚫
ID=10A
⚫
RDS(ON)1@VGS = 4.5V, ≤ 7.9mΩ
⚫
RDS(ON)2@VGS = 4.0V, ≤ 8.1mΩ
⚫
RDS(ON)1@VGS = 3.8V, ≤ 8.2mΩ
⚫
RDS(ON)2@VGS = 3.1V, ≤ 9.2mΩ
⚫
RDS(ON)2@VGS = 2.5V, ≤ 10.5mΩ
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
24
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Continuous)*AC
TA=25℃
ID
10
A
TA=700℃
7.6
Drain Current (Pulsed)*B
IDM
50
A
Power Dissipation
TA=25℃
PD
1.5
W
Operating temperature / storage temperature
TJ/TSTG
-55~150
°C
Junction-to-Ambient Thermal Resistance
RθJA
83
°C /W
A: The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rati
ng is based on the t≤ 10s junction to ambient thermal resistance rating.
Thermal Resistance Ratings
Parameter
Symbol
Typ
Unit
Drain-Source Voltage
VDS
24
V


유사한 부품 번호 - ACE112003B

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE11204A ACE-ACE11204A Datasheet
221Kb / 3P
N-Channel Enhancement Mode MOSFET
VER 1.1
ACE11204AKM+H ACE-ACE11204AKM+H Datasheet
221Kb / 3P
N-Channel Enhancement Mode MOSFET
VER 1.1
ACE11205A ACE-ACE11205A Datasheet
174Kb / 3P
P-Channel Enhancement Mode MOSFET
VER 1.1
ACE11205AKM+H ACE-ACE11205AKM+H Datasheet
174Kb / 3P
P-Channel Enhancement Mode MOSFET
VER 1.1
More results

유사한 설명 - ACE112003B

제조업체부품명데이터시트상세설명
logo
GTM CORPORATION
GSS6982 GTM-GSS6982 Datasheet
482Kb / 7P
DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTDN9971Q8 CYSTEKEC-MTDN9971Q8 Datasheet
468Kb / 5P
Dual N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Unisonic Technologies
10NN15 UTC-10NN15_15 Datasheet
201Kb / 3P
DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTB60A06DH8 CYSTEKEC-MTB60A06DH8 Datasheet
580Kb / 10P
Dual N-Channel Enhancement Mode Power MOSFET
MTA020A01Q8 CYSTEKEC-MTA020A01Q8 Datasheet
455Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB100A10KRQ8 CYSTEKEC-MTB100A10KRQ8 Datasheet
456Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTDA0A10Q8 CYSTEKEC-MTDA0A10Q8 Datasheet
454Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB20A04Q8 CYSTEKEC-MTB20A04Q8 Datasheet
422Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTE080A10Q8 CYSTEKEC-MTE080A10Q8 Datasheet
456Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB095A10KRQ8 CYSTEKEC-MTB095A10KRQ8 Datasheet
457Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com