전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AV2001 데이터시트(PDF) 3 Page - Avic Technology

부품명 AV2001
상세설명  TO-92 Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVICTEK [Avic Technology]
홈페이지  
Logo AVICTEK - Avic Technology

AV2001 데이터시트(HTML) 3 Page - Avic Technology

  AV2001 Datasheet HTML 1Page - Avic Technology AV2001 Datasheet HTML 2Page - Avic Technology AV2001 Datasheet HTML 3Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
D
b
D1
e
e1
TO-92 PACKAGE OUTLINE DIMENSIONS
Symbol
A
A1
b
c
D
D1
E
e
e1
L
Ö
Min
3.300
1.100
0.380
0.360
4.400
3.430
4.300
2.440
14.100
0.000
Max
3.700
1.400
0.550
0.510
4.700
4.700
2.640
14.500
1.600
0.380
Min
0.130
0.043
0.015
0.014
0.173
0.135
0.169
0.096
0.555
0.000
Max
0.146
0.055
0.022
0.020
0.185
0.185
0.104
0.571
0.063
0.015
Dimensions In Millimeters
Dimensions In Inches
0.050TYP
1.270TYP
φ
@vic
AV2001
Copyright @vic Electronics Corp.
3
Website http://www.avictek.com



Html Pages

1 2 3