전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

16F506 데이터시트(PDF) 38 Page - Microchip Technology

부품명 16F506
상세설명  8/14-Pin, 8-Bit Flash Microcontroller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F506 데이터시트(HTML) 38 Page - Microchip Technology

Back Button 16F506 Datasheet HTML 34Page - Microchip Technology 16F506 Datasheet HTML 35Page - Microchip Technology 16F506 Datasheet HTML 36Page - Microchip Technology 16F506 Datasheet HTML 37Page - Microchip Technology 16F506 Datasheet HTML 38Page - Microchip Technology 16F506 Datasheet HTML 39Page - Microchip Technology 16F506 Datasheet HTML 40Page - Microchip Technology 16F506 Datasheet HTML 41Page - Microchip Technology 16F506 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 114 page
background image
PIC12F510/16F506
DS41268B-page 36
Preliminary
© 2006 Microchip Technology Inc.
TABLE 5-6:
REQUIREMENTS FOR DIGITAL PIN OPERATION (PIC16F506 PORTB)(1), (2)
TABLE 5-7:
REQUIREMENTS FOR DIGITAL PIN OPERATION (PIC16F506 PORTC)(1), (2)
RB0
RB0
RB0
RB1
RB1
RB2
RB2
RB3
RB4
RB5
CM1CON0
C1ON
—
01
0
1
0
1
—
—
—
C1PREF
—
—
0
—
—
—
—
—
—
—
C1NREF
—
—
—
—
0
—
—
—
—
—
C1T0CS
—
—
—
—
—
—
—
—
—
—
C1OUTEN
—
—
—
—
—
—
1
—
—
—
CM2CON0
C2ON
1
—
—
—
—
—
—
—
—
—
C2PREF1
0
—
—
—
—
—
—
—
—
—
C2PREF2
1
—
—
—
—
—
—
—
—
—
C2NREF
—
—
—
—
—
—
—
—
—
—
C2OUTEN
—
—
—
—
—
—
—
—
—
—
OPTION
T0CS
—
—
—
—
—
—
—
—
—
—
ADCON0
ANS<1:0>
00, 01
00
, 01
00
, 01
00
, 01, 10 00, 01, 10
00
00
—
—
—
CONFIG
MCLRE
—
—
—
—
—
—
—
0
—
—
INTOSC
—
—
—
—
—
—
—
—
—
—
LP
—
—
—
—
—
—
—
—
Disabled Disabled
EXTRC
—
—
—
—
—
—
—
—
—
Disabled
XT
—
—
—
—
—
—
—
—
Disabled Disabled
EC
—
—
—
—
—
—
—
—
—
Disabled
HS
—
—
—
—
—
—
—
—
Disabled Disabled
INTOSC CLKOUT
—
—
—
—
—
—
—
—
Disabled Disabled
EXTRC CLOCKOUT
—
—
—
—
—
—
—
—
Disabled Disabled
Note 1:
Multiple column entries for a pin demonstrate the different permutations to arrive at digital functionality for
the pin.
2:
Shaded cells indicate the bit status does not affect the pins digital functionality.
RC0
RC0
RC1
RC1
RC2
RC3
RC4
RC4
RC5
RC5
CM2CON0
C2ON
0
101
—
—
01
—
—
C2PREF1
—
0
—
—
—
—
—
—
—
—
C2PREF2
—
0
—
—
—
—
—
—
—
—
C2NREF
—
—
—
0
—
—
—
—
—
—
C2OUTEN
—
—
—
—
—
—
—
1
—
—
VRCON0
VROE
—
—
—
—
0
—
—
———
OPTION
T0CS
—
—
—
—
—
—
—
—
0
—
Note 1:
Multiple column entries for a pin demonstrate the different permutations to arrive at digital functionality for
the pin.
2:
Shaded cells indicate the bit status does not affect the pins digital functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More