전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSB302S 데이터시트(PDF) 3 Page - Rectron Semiconductor

부품명 MSB302S
상세설명  VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECTRON [Rectron Semiconductor]
홈페이지  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MSB302S 데이터시트(HTML) 3 Page - Rectron Semiconductor

  MSB302S Datasheet HTML 1Page - Rectron Semiconductor MSB302S Datasheet HTML 2Page - Rectron Semiconductor MSB302S Datasheet HTML 3Page - Rectron Semiconductor MSB302S Datasheet HTML 4Page - Rectron Semiconductor MSB302S Datasheet HTML 5Page - Rectron Semiconductor MSB302S Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
REEL TAPING SPECIFICATIONS FOR
SURFACE MOUNT DEVICES - MSBS
0.272
0.004
0.299
0.004
0.067
0.004
0.059
0.004
12.992
0.079
0.646
0.079
0.512
0.008
0.069
0.004
0.295
0.004
0.472
0.004
0.157
0.004
0.079
0.004
0.63
0.012
ITEM
SYMBOL
SPECIFICATIONS (mm)
SPECIFICATIONS (inch)
Carrier width
Carrier length
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
A
B
C
d
D
D1
D2
E
F
P
P0
P1
W
W1
0.69
0.1
7.60
0.1
1.70
0.1
1.50
0.1
330.0
2.0
16.4
2.0
13.0
0.2
1.75
0.1
7.5
0.1
12.0
0.1
4.0
0.1
2.0
0.1
16.0
0.3
22.4
1.0
Tape width
0.882
0.039
1
Fig.: Configuration of MSBS REEL TAPING



Html Pages

1 2 3 4 5 6