전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESD33T8 데이터시트(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

부품명 ESD33T8
상세설명  FOR GIGABIT ETHERNET PROTECTION TVS DIODE ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
홈페이지  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ESD33T8 데이터시트(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ESD33T8 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD33T8 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD33T8 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD33T8 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD33T8 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD33T8 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics(TA=25°C unless otherwise specified)
Part Number
Device
Marking
VRWM
(V)
VBR
(V)
IT
(mA)
VC
@1A
Vc
IR
μA
(Max)
C
(Pf)
(Typ.)
(Max)
(@A)
ESD33T8
33T8
3.3
3.6
1
-
8.3
8.5
0.05
8
Rev :
www.leiditech.com
2/6
ESD33T8
Figure 1.
8 x 20μs Waveform
Figure 2.
Power Derating Curve
TYPIC CHARACTERISTICS
01.04.2021



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com