전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA2117DUGR/DA 데이터시트(PDF) 94 Page - NXP Semiconductors

부품명 PCA2117DUGR/DA
상세설명  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGR/DA 데이터시트(HTML) 94 Page - NXP Semiconductors

Back Button PCA2117DUGR/DA Datasheet HTML 90Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 91Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 92Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 93Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 94Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 95Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 96Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 97Page - NXP Semiconductors PCA2117DUGR/DA Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
94 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
17. Handling information
All input and output pins are protected against ElectroStatic Discharge (ESD) under
normal handling. When handling Metal-Oxide Semiconductor (MOS) devices ensure that
all normal precautions are taken as described in JESD625-A, IEC 61340-5 or equivalent
standards.
Table 56.
Alignment marking
All x/y coordinates represent the position of the REF point (see Figure 62) with respect to the center
(x/y = 0) of the chip; see Figure 61.
Symbol
Size (
m)
X (
m)
Y (
m)
S1
90
 90
2585.0
36.0
C1
90
 90
2522.0
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More