| 전자부품 데이터시트 검색엔진 |
|
PCA8530DUG/DAZ 데이터시트(PDF) 35 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA8530DUG/DAZ 데이터시트(HTML) 35 Page - NXP Semiconductors |
|
35 / 103 page ![]() PCA8530 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 25 September 2014 35 of 103 NXP Semiconductors PCA8530 Automotive 102 x 4 Chip-On-Glass LCD segment driver In Equation 2 the main parameters are the programmed digital value term and the compensated temperature term. (2) 1. V[8:0] is the binary value of the programmed voltage. 2. VT[8:0] is the binary value of the temperature compensated voltage. Its value comes from the temperature compensation block and is a two’s complement which has the value 0h at 20 C. 3. m and n are fixed values (see Table 30 and Figure 15). Figure 15 shows how VLCD changes with the programmed value of V[8:0]. Fig 14. VLCD generation including temperature compensation Table 30. Parameters of VLCD generation Symbol Value Unit m3.99 V n0.03 V V LCD V8:0 VT 8:0 + n m + = |