| 전자부품 데이터시트 검색엔진 |
|
PCF8545ATT 데이터시트(PDF) 42 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8545ATT 데이터시트(HTML) 42 Page - NXP Semiconductors |
|
42 / 103 page ![]() PCA8530 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 25 September 2014 42 of 103 NXP Semiconductors PCA8530 Automotive 102 x 4 Chip-On-Glass LCD segment driver The temperature regions are determined by programming the temperature limits T1 to T4 via the TC-set-1 to TC-set-4 commands (see Section 8.4.2 on page 18). The temperature coefficients can be selected from a choice of eight different slopes. Each one of theses coefficients is independently selected via the TC-slope command (see Section 8.4.3 on page 19). [1] The relation between the actual temperature and TD[7:0] is derived from Equation 3 on page 40. Remark: The programming has to be made such that T1 < T2 and T3 < T4 otherwise the VLCD temperature compensation will not be executed. Fig 23. Example of segmented temperature coefficients Table 32. Temperature regions T1T[2:0] to T4T[2:0] Temperature region 1 and 2 Temperature region 3 and 4 T1, T2 ( C) Corresponding TD value[1] T3, T4 ( C) Corresponding TD value[1] 000 34 10 +29 110 001 27 20 +38 124 010 21 30 +47 138 011 15 40 +55 152 100 950+64 166 101 260+73 180 110 +4 70 +82 194 111 +10 80 +91 208 |