전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE92104 데이터시트(PDF) 13 Page - Infineon Technologies AG

부품명 TLE92104
상세설명  TLE92104 APPKIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE92104 데이터시트(HTML) 13 Page - Infineon Technologies AG

Back Button TLE92104 Datasheet HTML 9Page - Infineon Technologies AG TLE92104 Datasheet HTML 10Page - Infineon Technologies AG TLE92104 Datasheet HTML 11Page - Infineon Technologies AG TLE92104 Datasheet HTML 12Page - Infineon Technologies AG TLE92104 Datasheet HTML 13Page - Infineon Technologies AG TLE92104 Datasheet HTML 14Page - Infineon Technologies AG TLE92104 Datasheet HTML 15Page - Infineon Technologies AG TLE92104 Datasheet HTML 16Page - Infineon Technologies AG TLE92104 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
TLE92104 APPKIT
8 APPKIT setup
8.3
Using the GUI
The GUI consists of three panels/tabs:
•
Motor Control
•
Detailed Settings
•
PWM and Diagnostic
Figure 12
TLE92104 APPKIT GUI
Additionally the status of the USB connection, bridge driver and diagnostic read is shown on the top of the
display:
Everything is up and running.
There seems to be a problem.
The GUI provides buttons to
Clear Diagnosis, to Clear Status Registers and to RESET the device.
Motor Control
In this panel it is possible to:
•
Configure the PWM channels 1-3 with 0-100% DC and up to 25 kHz which are generated by the uIO-stick.
•
Map the PWM to half-bridges 1-4.
•
Set the HB state in either cascade or H bridge configuration.
•
Select and disable the CSAs and see the current VCSOx output.
•
See the General Status register and Global Status byte.
•
Perform off-state diagnosis.
User Manual
13
v1.0
2020-12-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29