| 전자부품 데이터시트 검색엔진 |
|
AT8552 데이터시트(PDF) 2 Page - Analog Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
AT8552 데이터시트(HTML) 2 Page - Analog Technologies, Inc. |
|
2 / 15 page ![]() 1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: 9187 - (408) 770 www.analogtechnologies.com Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 6/14/2022 Email: staff@analogti.com/sales@analogti.com 2 Analog Technologies AT8551/AT8552 Zero-Drift RRIO CMOS Operational Amplifier An Analog in Silicon Valleys PIN CONFIGURATIONS PIN DESCRIPTION Descriptions of the pins are listed in Table 2 (single op amps) and Table 3 (dual op amps). Table 2: Pin Function Table for Single OP AMPS AT8551 Symbol Description SOT23-5 1 OUT Analog Output 3 +IN Noninverting Input 4 −IN Inverting Input 5 V+ Positive Power Supply 2 V− Negative Power Supply - NC No Internal Connection Table 3: Pin Function Table for Dual OP AMPS AT8552 Symbol Description MSOP-8 SOIC-8 1 1 OUT A Analog Output (Op Amp A) 2 2 −IN A Inverting Input (Op Amp A) 3 3 +IN A Noninverting Input (Op Amp A) 4 4 V− Negative Power Supply 5 5 +IN B Noninverting Input (Op Amp B) 6 6 −IN B Inverting Input (Op Amp B) 7 7 OUT B Analog Output (Op Amp B) 8 8 V+ Positive Power Supply |