전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATLS2A201D 데이터시트(PDF) 6 Page - Analog Technologies, Inc.

부품명 ATLS2A201D
상세설명  Constant Current Laser Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
홈페이지  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS2A201D 데이터시트(HTML) 6 Page - Analog Technologies, Inc.

  ATLS2A201D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS2A201D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS2A201D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS2A201D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS2A201D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS2A201D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS2A201D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS2A201D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS2A201D Datasheet HTML 9Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/18/2022
Email: staff@analogti.com/sales@analogti.com
6
Analog Technologies
ATLS2A201D
Constant Current Laser Driver
7
9
11
13
15
17
19
21
23
25
12345
IOUT=1.8A
IOUT=1.5A
IOUT=1A
VLDA (V)
VVPS=5V
Figure 9. VLDA vs. Output Current Noise@0.1Hz~10Hz
3
8
13
18
23
28
0.5
1
1.5
2
VLDA=4V
VLDA=2V
IOUT (A)
VVPS=5V
Figure 10. IOUT vs. Output Current Noise@0.1Hz~10Hz



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com