전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATLS2A202D 데이터시트(PDF) 3 Page - Analog Technologies, Inc.

부품명 ATLS2A202D
상세설명  Constant Current Laser Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
홈페이지  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS2A202D 데이터시트(HTML) 3 Page - Analog Technologies, Inc.

  ATLS2A202D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS2A202D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS2A202D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS2A202D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS2A202D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS2A202D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS2A202D Datasheet HTML 7Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/20/2022
Email: staff@analogti.com/sales@analogti.com
3
Analog Technologies
ATLS2A202D
Constant Current Laser Driver
driver
EA
LDA
LIS
PGND
LIO
9
5
6
10
Over current
protection
Current
measurement
Laser
diode
& thermal
shutdown
Laser
diode
voltage
Constant
current
2.5V
reference
Soft start
LDGD
8
SDN
1
4
2.5VR
indication
status
Figure 3. Block Diagram
APPLICATIONS
To power GND
To power supply
A
K
Laser diode
D1
(Clock-wise)
S1 Shutdown
A
K
D2
LED
To external clock
To DC voltmeter
3
1 W1 100K
LIO
6
VPS 12
PGND 10
LDGD 8
LDA
9
GND
3
2.5VR
4
LIS
5
PGND 11
GND 7
SYNC
2
SDN
1
Laser Driver
Figure 4. A Typical Stand-alone Application Schematic
Figure 4 shows a typical stand-alone application circuit.
In Figure 4, the switch S1 is external shut down switch, it
can turn on and off the driver with the SDN pin high and
lower respectively, at the internal chip control input: >1.4V
= enable, <0.95V = shut down, normal threshold voltage =
1.2V. The switch S1 can also be an electronic switch, such
as an I/O pin of a micro-controller, with an either open
drain or push/pull output. See Figure 5. If not using a
switch (S1) to control the laser, leave the SDN pin
unconnected.
If the SYNC isn’t connected, the default internal switching
frequency is 500kHz.This pin can also be connected to an
external clock signal of which the frequency can be about
10% to 15% higher than the switching frequency. In this
way, the driver will be switching at the same frequency
with the external clock signal, eliminating beating
interferences. If other switching frequency is needed,
please tell us, it can be specified from 300kHz to 700kHz.
In Figure 4, the adjustable resistor W1 is used to setting the
output current. Setting LIS from 0V to 2.5V will set the
laser current from 0A to 2A linearly.
The laser diode D1 is connected between LDA and LDC. It
is worth mentioning that the power supply return terminal
should be connected to the pin 11 PGND and the cathode
of the laser diode should be connected to the pin 10 LDC.
These 2 nodes should not be connected together externally
and they are connected together internally already by the
driver.
In Figure 4, the LED D2 is used to indicating laser diode
status. When LDGD pin is high, >2V, the laser diode
control loop is working properly. When LDGD pin is low,
<0.3V, the laser diode is bad, or there is a short or open
circuit at the laser diode. The LDGD pin can also be
connected to a digital input pin of a micro-controller, when
software/firmware is utilized in the system. See Figure 5.
Figure 5 shows a typical micro-processor-based application
circuit.
LDC
LDC



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com