| 전자부품 데이터시트 검색엔진 |
|
ZMS 데이터시트(PDF) 2 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
ZMS 데이터시트(HTML) 2 Page - C&K Components |
|
2 / 4 page ![]() J J–23 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ckswitches.com FP 2,5 .10 () 1,7 .067 () ø2 .079 () 7,5 .295 () 4,13 .163 () 0,5 .020 () OP PT 4,13 .16 () 5,4 .213 () 14,7 .579 () 2,8 .110 () 8,1 .319 () 12,2 .480 () NC NO COM Third Angle Projection ZMS Series Mini Size Snap-acting Switches SERIES OPERATING FORCE ELECTRICAL RATING ZMSH HIGH OVER TRAVEL Consult Customer Service center for availability and delivery of nonstandard ratings. CONTACT MATERIAL OPTION CODE MOVABLE CONTACT / STATIONARY CONTACT ELECTRICAL RATING 00 0.01 AMP @ 12 V DC 0.1 AMP @ 12 V DC 03 Gold plating over silver alloy 3 AMPS @ 125 V AC 3 AMPS @ 12 V DC Silver alloy ENEC 10m AMP @ 12 V DC 5E5 3 AMPS @ 12 V DC 1E5 UL61058-1 UL1054 ELECTRICAL RATING BASIC SWITCH OPERATING FORCE (OZ./GRAMS) OPTION CODE 130 130 4.59 31 May 21 |