전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCC06ME 데이터시트(PDF) 2 Page - Balluff Korea Ltd.

부품명 BCC06ME
상세설명  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BALLUFF [Balluff Korea Ltd.]
홈페이지  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC06ME 데이터시트(HTML) 2 Page - Balluff Korea Ltd.

  BCC06ME Datasheet HTML 1Page - Balluff Korea Ltd. BCC06ME Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Single-Ended Cordsets
BCC S415-0000-1A-003-VX8434-350
Order Code: BCC06ME
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 276128
ETIM 6.0: EC001855
BCC06ME_0.38_2022-06-18
2 / 2
Remarks
Cable construction acc. to UL-AWM Style 2517
Silicone-free
Flame-retarding acc. to IEC 60332-2
Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece.
Connector Drawings
PIN 1: brown
PIN 2: white
PIN 3: blue
PIN 4: black
Wiring Diagrams



Html Pages

1 2