전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PS10 데이터시트(PDF) 11 Page - Supertex, Inc

부품명 PS10
상세설명  Quad Power Sequencing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUTEX [Supertex, Inc]
홈페이지  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS10 데이터시트(HTML) 11 Page - Supertex, Inc

Back Button PS10 Datasheet HTML 5Page - Supertex, Inc PS10 Datasheet HTML 6Page - Supertex, Inc PS10 Datasheet HTML 7Page - Supertex, Inc PS10 Datasheet HTML 8Page - Supertex, Inc PS10 Datasheet HTML 9Page - Supertex, Inc PS10 Datasheet HTML 10Page - Supertex, Inc PS10 Datasheet HTML 11Page - Supertex, Inc PS10 Datasheet HTML 12Page - Supertex, Inc PS10 Datasheet HTML 13Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PS10/PS11
11
A051204
Increasing the Under and Over Voltage Hysteresis, continued
RTB
16.5k
9.76k
487k
RTD
RTC
TB
OV
UV
V
TC
PWRGD-C
PWRGD-D
TD
PWRGD-A
PWRGD-B
PS11
-48V
GND
Note:
1. Other power good outputs will have the same configuration as
PWGRGD-A for Active Low Enabled Converters.
2. Over voltage shut down set to 63.6V
10nF
Ramp
COM
+3.3V
V-
V+
DC/DC
Converter
/EN
Ruvhys
499k
10k
V
IN
EE
Ruvhys can be calculated based on higher UV On voltage (say
42V):
Ruvhys = (Vuvon - Vdiode - Vce/((Vin-Vuvon)/487k -
Vuvon/16.5k)
= (1.22-0.65-0.1)/((42-1.22)/487k - 1.22/16.5k)
= 47.97k
Power Down Sequencing
In some applications, a power down sequence may be required. To accomplish this, a capacitor is connected to the power
good pins that need to be sequenced down. The power good turn off delays can be approximated by
TPWRGD-B(off) = C1 x VENOFF / IPULLUP ,
TPWRGD-C(off) = C2 x VENOFF / IPULLUP ,
TPWRGD-D(off) = C3 x VENOFF / IPULLUP ,
where:
TPWRGD-B(off)
-Time delay from PWRGD-A going High to PWRGD-B going high.
TPWRGD-c(off)
-Time delay from PWRGD-A going High to PWRGD-C going high.
TPWRGD-D(off)
-Time delay from PWRGD-A going High to PWRGD-D going high.
VENOFF - DC/DC minimum off voltage (2.7V typ)
IPULLUP - DC/DC /EN pin pull-up current (1mA typ)
Note: Adding C1, C2, C3 will have a negligible affect on the power good fall time.
RTB
9.76K
6.81K
487K
RTD
RTC
10nF
C1
C3
C2
-48V
GND
PWRGD-C
DC/DC
Converter
/EN
PWRGD-B
V-
V+
PS11
PWRGD-A
Notes:
1. Under Voltage Shutdown (UV) set to 37V.
2. Over Voltage Shutdown (OV) to 57.8V.
3. Only PWRGD-A to DC/DC converter connection is shown
for simplicity.
PWRGD-D
TD
TC
TB
+3.3V
COM
Ramp
/EN3
/EN2
OV
UV
/EN4
V
EE
IN
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com