전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CC400-RTR2 데이터시트(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
부품명 CC400-RTR2
상세설명  Single Chip High Performance RF Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 데이터시트(HTML) 21 Page - Texas Instruments

Back Button CC400-RTR2 Datasheet HTML 17Page - Texas Instruments CC400-RTR2 Datasheet HTML 18Page - Texas Instruments CC400-RTR2 Datasheet HTML 19Page - Texas Instruments CC400-RTR2 Datasheet HTML 20Page - Texas Instruments CC400-RTR2 Datasheet HTML 21Page - Texas Instruments CC400-RTR2 Datasheet HTML 22Page - Texas Instruments CC400-RTR2 Datasheet HTML 23Page - Texas Instruments CC400-RTR2 Datasheet HTML 24Page - Texas Instruments CC400-RTR2 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
CC400
SWRS050
Page 21 of 32
27.
Demodulator Precharging For Reduced Turn-on Time
The demodulator data slicer has an
internal AC coupling giving a time constant
of approximately 30 periods of the bit rate
period. This means that before proper
demodulation can take place, a minimum
of 30 start-bits has to be received.
In critical applications where the start-up
time should be decreased in order to
reduce the power consumption, this time
constant can be reduced to 5 periods
using the optional precharging possibility.
The precharging is done during data
reception by setting the precharging bit in
the configuration register active with
duration of at least 5 bit periods.
Data received
without
precharging
PRECHARGE
Time
Data
transmitted
5 bit periods
t1
t2
t3
Data valid
Data not valid
Data valid
Data not valid
5 bit periodes
30 bit periodes
Data received with
precharging
Figure 12: Demodulation using precharging.
In the example shown in Figure 12, data is
transmitted
continuously
from
the
transmitter (all 1’s). At t=t1 the receiver is
turned on, and then the precharging is
kept on for about 5 bit periods. At t=t2 the
received data is valid and precharging is
turned off. When not using precharging,
data is not valid until 30 bit periods, at t=t3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31