| 전자부품 데이터시트 검색엔진 |
|
LMP7715MF 데이터시트(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMP7715MF 데이터시트(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 18 page ![]() Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. ESD Tolerance (Note 2) Human Body Model 2000V Machine Model 200V V IN Differential ±0.3V Supply Voltage (V S =V + –V−) 6.0V Voltage on Input/Output Pins V + +0.3V, V− −0.3V Storage Temperature Range −65˚C to 150˚C Junction Temperature (Note 3) +150˚C Soldering Information Infrared or Convection (20 sec) 235˚C Wave Soldering Lead Temp. (10 sec) 260˚C Operating Ratings (Note 1) Temperature Range (Note 3) −40˚C to 125˚C Supply Voltage (V S =V + –V−) 0˚C ≤ T A ≤ 125˚C 1.8V to 5.5V −40˚C ≤ T A ≤ 125˚C 2.0V to 5.5V Package Thermal Resistance ( θ JA(Note 3)) 5-Pin SOT23 180˚C/W 8-Pin MSOP 236˚C/W 2.5V Electrical Characteristics Unless otherwise specified, all limits are guaranteed for T A = 25˚C, V + = 2.5V, V− =0V,V O =VCM =V +/2. Boldface limits ap- ply at the temperature extremes. Symbol Parameter Conditions Min (Note 5) Typ (Note 4) Max (Note 5) Units V OS Input Offset Voltage ±20 ±180 ±480 µV TC V OS Input Offset Voltage Drift (Note 6) LMP7715 –1 ±4 µV/˚C LMP7716 –1.75 I B Input Bias Current V CM =1V (Notes 7, 8) 0.05 50 100 pA I OS Input Offset Current V CM =1V (Note 8) 0.006 25 50 pA CMRR Common Mode Rejection Ratio 0V ≤ V CM ≤ 1.4V 83 80 100 dB PSRR Power Supply Rejection Ratio 2.0V ≤ V+ ≤ 5.5V V − = 0V, V CM =0 85 80 100 dB 1.8V ≤ V+ ≤ 5.5V V − = 0V, V CM =0 85 98 CMVR Input Common-Mode Voltage Range CMRR ≥ 80 dB CMRR ≥ 78 dB −0.3 –0.3 1.5 1.5 V A VOL Large Signal Voltage Gain LMP7715, V O = 0.15 to 2.2V R L =2k Ω to V+/2 88 82 98 dB LMP7716, V O = 0.15 to 2.2V R L =2k Ω to V+/2 84 80 92 LMP7715, V O = 0.15 to 2.2V R L =10k Ω to V+/2 92 88 110 LMP7716, V O = 0.15 to 2.2V R L =10k Ω to V+/2 90 86 95 V O Output Swing High R L =2k Ω to V+/2 70 77 25 mV from V + R L =10k Ω to V+/2 60 66 20 Output Swing Low R L =2k Ω to V+/2 30 70 73 mV R L =10k Ω to V+/2 15 60 62 www.national.com 2 |