| 전자부품 데이터시트 검색엔진 |
|
LNBP8 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LNBP8 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 8 page ![]() LNBP8 - LNBP9 2/8 Figure 1: Pin Configuration (top view) Table 2: Pin Descriptions Table 3: Absolute Maximum Ratings Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 4: Thermal Data PIN N° NAME FUNCTION 1VCC1 Supply Input 1: 15V to 25V supply. It is automatically selected when VO = 13V 2VCC2 Supply Input 2: 22V to 25V supply. It is automatically selected when VO = 18V 3 OUTPUT Regulator output. It is 13V typ. when VSEL LOW and 18V typ. when VSEL HIGH 4GND GROUND 5VSEL Output Voltage Selection: Logic Control Input; if LOW VO = 13V, when HIGH VO = 18V 6 ENABLE Logic Control Input; force LOW to put the IC in shutdown 7 (LNBP9) TONE Logic Control Input; force HIGH to activate the internal 22KHz tone 7 (LNBP8) EXTM External Modulation: Needs DC decoupling to the AC source. If not used can be left floating Symbol Parameter Value Unit VCC1, VCC2 Input Voltage -0.3 to 28 V ENABLE, TONE, VSEL Logic Input Voltage -0.3 to 7 V OUTPUT Output Voltage 28 V TJ Operating Junction Temperature Range -40 to 125 °C TSTG Storage Temperature Range -55 to 150 °C Symbol Parameter Value Unit RTHJ-C Thermal Resistance Junction-case 2°C/W |