전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FU008-A-R-SD-1.0 데이터시트(PDF) 11 Page - ABLIC Inc.

부품명 FU008-A-R-SD-1.0
상세설명  PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FU008-A-R-SD-1.0 데이터시트(HTML) 11 Page - ABLIC Inc.

Back Button FU008-A-R-SD-1.0 Datasheet HTML 7Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 8Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 9Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 10Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 11Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 12Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 13Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 14Page - ABLIC Inc. FU008-A-R-SD-1.0 Datasheet HTML 15Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
WAKE-UP TIMER IC
PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL
Rev.1.1_00
S-35710M
11
INT Pin Interrupt Signal Output
After the RST
_______
pin changes from "L" to "H", the timer starts the operation. Then, the INT pin outputs "H" level when the
timer value matches the value written to the wake-up time register. When the INT pin outputs "H" level, the timer stops and
maintains the timer value.
The timer is reset by inputting "L" to the RST
_______
pin. After that, if "H" is input to the RST
_______
pin, the INT pin is set to "L" and
the timer restarts the count-up action.
1. Write mode
If write operation is performed to the wake-up time register during the count-up action, the action will be restarted after
resetting the timer. This operation is called "write mode". Before the timer value matches the value written to the
wake-up time register, if "L" is input to the RST
_______
pin, the timer is reset.
RST
INT
2 s
1 s
"0 h"
"0 h"
"1 h"
"2 h"
"1 h""2 h"
"0 h"
"1 h""0 h"
"000000 h "
"000001 h "
"000002 h "
"000000 h "
Timer
Wake-up time
register
Timer and wake-up time register
are reset
Timer and wake-up time register
are reset
Count-up action
starts
Count-up action
starts
Timer is reset
and count-up action
restarts
Timer is reset
and count-up
action restarts
Count-up action
stops
Count-up action
stops
Figure 10 Output Timing of Handshake Time-out
2. Read mode
After the timer starts to operate, if write operation is not performed to the wake-up time register, the interrupt signal is
not output from the INT pin. The timer stops at "FFFFFF h". The timer value during timing can be confirmed by reading
the time register. This operation is called "read mode".
In order for the timer to operate again, set the RST
_______
pin from "L" to "H" or perform write operation to the wake-up time
register. Regarding the detail when write operation is not performed to the wake-up time register, refer to Figure 11.
Regarding the status transition for the S-35710M, refer to Figure 12.
RST
Timer
Wake-up time
register
INT
"0 h""0 h"
"1 h"
"2 h"
"FFFFFE h" "FFFFFF h"
"1 h"
"2 h"
"0 h" "1 h"
"FFFFFE h" "FFFFFF h"
"000000 h"
Timer and wake-up time register
are reset
Timer reset
Timer reset
Count-up action starts
Count-up action starts
Count-up action starts
Count-up action
stops
Count-up action
stops
No INT pin interrupt signal output when not writting to
wake-up time register
Figure 11 When Write Operation is not Performed to the Wake-up Time Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com