전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L1X 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 VL53L1X
상세설명  A new generation, long distance ranging Time-of-Flight sensor based on ST’s FlightSense technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1X 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button VL53L1X Datasheet HTML 27Page - STMicroelectronics VL53L1X Datasheet HTML 28Page - STMicroelectronics VL53L1X Datasheet HTML 29Page - STMicroelectronics VL53L1X Datasheet HTML 30Page - STMicroelectronics VL53L1X Datasheet HTML 31Page - STMicroelectronics VL53L1X Datasheet HTML 32Page - STMicroelectronics VL53L1X Datasheet HTML 33Page - STMicroelectronics VL53L1X Datasheet HTML 34Page - STMicroelectronics VL53L1X Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
DocID031281 Rev 6
33/35
VL53L1X
Ordering information
35
9
Ordering information
10
Acronyms and abbreviations
11
ECOPACK®
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Note:
The ECOPACK® grade for VL53L1X is ECOPACK®2.
Table 20. Order codes
Sales type
Package
Packing
Minimum order
quantity
VL53L1CXV0FY/1
Optical LGA12 with liner
Tape and reel
3600 pcs
Table 21. Acronyms and abbreviations
Acronym/abbreviation
Definition
ESD
Electrostatic discharge
I2C
Inter-integrated circuit (serial bus)
NVM
Non volatile memory
SPAD
Single photon avalanche diode
FoV
Field of view
VCSEL
Vertical cavity surface emitting laser



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35