전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPS1025HTR 데이터시트(PDF) 21 Page - STMicroelectronics

부품명 IPS1025HTR
상세설명  High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS1025HTR 데이터시트(HTML) 21 Page - STMicroelectronics

Back Button IPS1025HTR Datasheet HTML 17Page - STMicroelectronics IPS1025HTR Datasheet HTML 18Page - STMicroelectronics IPS1025HTR Datasheet HTML 19Page - STMicroelectronics IPS1025HTR Datasheet HTML 20Page - STMicroelectronics IPS1025HTR Datasheet HTML 21Page - STMicroelectronics IPS1025HTR Datasheet HTML 22Page - STMicroelectronics IPS1025HTR Datasheet HTML 23Page - STMicroelectronics IPS1025HTR Datasheet HTML 24Page - STMicroelectronics IPS1025HTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Table 14. QFN48L mechanical data
Dim.
[mm]
Min.
Nom.
Max.
A
0.80
0.85
0.90
A1
0.00
-
0.05
A3
0.20 REF.
b
0.20
0.25
0.30
D
8.00 BSC
e
0.50 BSC
E
6.00 BSC
D2
5.97
6.02
6.07
E2
3.97
4.02
4.07
L
0.365
0.40
0.435
k
0.53
-
-
N
48
Table 15. Tolerance of forms and positions
Dim.
Tolerance of forms and positions
aaa
0.10
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
fff
0.10
Figure 16. QFN48L suggested footprint [mm]
IPS1025H, IPS1025H-32, IPS1025HQ, IPS1025HQ-32
Package mechanical data
DS13780 - Rev 3
page 21/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32