전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIP301 데이터시트(PDF) 2 Page - Panasonic Semiconductor

부품명 MIP301
상세설명  Silicon MOS IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIP301 데이터시트(HTML) 2 Page - Panasonic Semiconductor

  MIP301 Datasheet HTML 1Page - Panasonic Semiconductor MIP301 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Intelligent Power Devices (IPDs)
2
s Electrical Characteristics (T
C = 25 ± 2°C)
Parameter
Output frequency
Maximum duty cycle
Minimum duty cycle
PWM gain
Circuit current
Dynamic impedance
Control pin charging current
Auto-restart threshold voltage
Lockout threshold voltage
Auto-restart hysteresis voltage
Self-protection current limit
Leading edge blanking delay
Current limit delay
Thermal shutdown temperature
Power-up reset threshold voltage
ON-state resistance
OFF-state current
Breakdown voltage
Rise time
Fall time
Start threshold voltage
Stop threshold voltage
Input hysteresis voltage
Shunt regulator voltage
Control supply/discharge current
Symbol
fOSC
MAXDC
MINDC
GPWM
Is
ZC
IC
VC(on)
VC(off)
∆V
C
ILIMIT
ton(BLK)
td(OCL)
TOTP
VC reset
RDS(on)
IDSS
VDSS
tr
tf
VIN(START)
VIN(STOP)
∆V
IN
VC
ICD
Conditions
IC = 2mA
IC = 2mA
IC = 10mA
IC = 3mA
VC = 0
VC = 5V
IC = 3mA
IC = 3mA
IC = 3mA
ID = 1A
VDS = 82V Output MOS FET disabled
ID = 0.25mA Output MOS FET disabled
IC = 3mA
Output MOS FET disabled
min
180
77
0
−21
0.8
10
−2.4
−2
5
4
0.5
0.9
130
2.3
92
16
10
5.5
5.4
0.5
typ
200
80
3
−16
2.5
15
−1.9
−1.5
5.7
4.7
1
1
0.25
0.1
140
3.3
1.8
0.01
0.1
0.1
5.7
0.8
max
220
83
5
−11
4
25
−1.2
− 0.8
6.3
5.3
1.5
1.1
150
4.2
2.2
0.25
0.2
0.2
18.2
12.2
7.5
6.1
1.1
Unit
kHz
%
%
%/mA
mA
Ω
mA
mA
V
V
V
A
µs
µs
°C
V
Ω
mA
V
µs
µs
V
V
V
V
mA
MIP301
Control functions
Auto-restart
Circuit protection
Output
Power supply voltage



Html Pages

1 2