전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VFR3VD31E131T51 데이터시트(PDF) 1 Page - Murata Manufacturing Co., Ltd

부품명 VFR3VD31E131T51
상세설명  VFR3V series is designed for ESD surge protection of IC. It efficiently absorbs ESD surges rushed into ICs I/O terminal.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA1 [Murata Manufacturing Co., Ltd]
홈페이지  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

VFR3VD31E131T51 데이터시트(HTML) 1 Page - Murata Manufacturing Co., Ltd

  VFR3VD31E131T51_V01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd VFR3VD31E131T51_V01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd VFR3VD31E131T51_V01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
VFR3VD31E131T51#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of VFR3VD31E131T51# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=VFR3VD31E131T51%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated08/24/2022
< List of part numbers with package codes >
VFR3VD31E131T51B
Appearance & Shape
Applications
Other Usage
For general
Packaging Information
Packaging
Specifications
Standard
Packing
Quantity
B
Bulk(Bag)
250
Features
VFR3V series is designed for ESD surge protection
of IC. It efficiently absorbs ESD surges rushed into
IC's I/O terminal.
Applications
Elimination of noise and protection of semiconductors
in office equipment, including computers and
peripheral equipment, copy machines, and communication
terminals.
1 of 3


유사한 부품 번호 - VFR3VD31E131T51_V01

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
VFR3VD31E131T51B MURATA-VFR3VD31E131T51B Datasheet
164Kb / 7P
This reference specification applies to EMIGUARD 짰 applicable to automatic insertion,which is used electronic equipment
More results

유사한 설명 - VFR3VD31E131T51_V01

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PESD5V0X1U NXP-PESD5V0X1U Datasheet
1Mb / 2P
High-performance ESD protection for sensitive ICs
August 2012
logo
ON Semiconductor
NSPM2051 ONSEMI-NSPM2051 Datasheet
99Kb / 6P
ESD & Surge Protection Device
March, 2017 ??Rev. 3
logo
Murata Manufacturing Co...
VFR3VD31E131U31 MURATA1-VFR3VD31E131U31_V01 Datasheet
278Kb / 3P
VFR3V series is designed for ESD surge protection of IC. It efficiently absorbs ESD surges rushed into ICs I/O terminal.
08/24/2022
VFS6VD81E221T51 MURATA1-VFS6VD81E221T51_V01 Datasheet
241Kb / 3P
VFS6V series is designed for surge protection of signal line.
08/24/2022
VFS6VD81E221U31 MURATA1-VFS6VD81E221U31_V01 Datasheet
299Kb / 3P
VFS6V series is designed for surge protection of signal line.
08/24/2022
VFS9VD31B223Q55 MURATA1-VFS9VD31B223Q55_V01 Datasheet
286Kb / 3P
VFS9V series is designed for surge protection of the power supply.
08/24/2022
VFS9VD31B223Q91 MURATA1-VFS9VD31B223Q91_V01 Datasheet
346Kb / 3P
VFS9V series is designed for surge protection of the power supply.
08/24/2022
VFS9VD31B223Q92 MURATA1-VFS9VD31B223Q92_V01 Datasheet
346Kb / 3P
VFS9V series is designed for surge protection of the power supply.
08/24/2022
VFS9VD31B223Q93 MURATA1-VFS9VD31B223Q93_V01 Datasheet
346Kb / 3P
VFS9V series is designed for surge protection of the power supply.
08/24/2022
logo
Silicon Mitus, Inc.
SM5328B SILICONMITUS-SM5328B Datasheet
198Kb / 2P
Over-Voltage Protection IC with ±100V Surge & ESD Protection
July 2021 - Rev. 1.0.1
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com