전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VFR3VD31E131U31 데이터시트(PDF) 2 Page - Murata Manufacturing Co., Ltd

부품명 VFR3VD31E131U31
상세설명  VFR3V series is designed for ESD surge protection of IC. It efficiently absorbs ESD surges rushed into ICs I/O terminal.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA1 [Murata Manufacturing Co., Ltd]
홈페이지  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

VFR3VD31E131U31 데이터시트(HTML) 2 Page - Murata Manufacturing Co., Ltd

  VFR3VD31E131U31_V01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd VFR3VD31E131U31_V01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd VFR3VD31E131U31_V01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
VFR3VD31E131U31#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of VFR3VD31E131U31# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=VFR3VD31E131U31%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated08/24/2022
Specifications
Shape
Lead
Length
8.0mm
Length
 Tolerance
max.
Width
2.3mm
Width Tolerance
max.
Thickness
5.0mm
Thickness
 Tolerance
max.
Rated Current
20mA
Operating Temperature
Range
-25
℃ to 85℃
Mass(typ.)
0.23g
Rated Voltage
25Vdc
Varistor Voltage
50Vdc
Varistor Voltage Torelance
±20%
Capacitance
130pF
Capacitance Tolerance
±20%
Peak Pulse Current
30A
ESD Test
15kV,100times
2 of 3



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com