전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUSB2E11 데이터시트(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
부품명 TUSB2E11
상세설명  TUSB2E11 USB 2.0-eUSB2 Repeater
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E11 데이터시트(HTML) 12 Page - Texas Instruments

Back Button TUSB2E11 Datasheet HTML 8Page - Texas Instruments TUSB2E11 Datasheet HTML 9Page - Texas Instruments TUSB2E11 Datasheet HTML 10Page - Texas Instruments TUSB2E11 Datasheet HTML 11Page - Texas Instruments TUSB2E11 Datasheet HTML 12Page - Texas Instruments TUSB2E11 Datasheet HTML 13Page - Texas Instruments TUSB2E11 Datasheet HTML 14Page - Texas Instruments TUSB2E11 Datasheet HTML 15Page - Texas Instruments TUSB2E11 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
7.5 Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Low level input voltage, 1.8 V variant
SDA, SCL, V_I2C_Pullup = 1.96 V
0.588
V
VIH
High level output voltage, 1.2 V variant
SDA, SCL, V_I2C_Pullup = 1.08 V
0.833
V
VIH
High level output voltage, 1.8 V variant
SDA, SCL, V_I2C_Pullup = 1.96 V
1.372
V
VHYS
Input hysteresis, 1.2 V variant
V_I2C_Pullup = 1.08 V
0.020
V
VHYS
Input hysteresis, 1.8 V variant
V_I2C_Pullup = 1.96 V
0.098
V
IIH
High level input leakage current
VIH = 1.98 V
0.5
µA
IIL
Low level input leakage current
VIL = 0 V
0.5
µA
VOL
Low level output voltage (1 kΩ pull up),
1.2 V variant
IOL = 2.5 mA, V_I2C_Pullup = 1.08 V
0.2
V
VOL
Low level output voltage (1 kΩ pull up),
1.8V variant
IOL = 2.5 mA, V_I2C_Pullup = 1.96 V
0.3
V
IOL
Open drain drive strength, 1.2 V Variant VOL = 0.4 V
1.6
2.4
3.0
mA
IOL
Open drain drive strength, 1.8 V Variant VOL = 0.4 V
8
10
12.6
mA
UART I/O
VOLI
Internal output low
Internal UART output (eDP/eDN) 1.2 V
signalling
0.1
V
VOHI
Internal output high
Internal UART output (eDP/eDN) 1.2 V
signalling
0.918
1.32
V
VILI
Internal input low
Internal UART input (eDP/eDN) 1.2 V
signalling
–0.1
0.399
V
VIHI
Internal input high
Internal UART input (eDP/eDN) 1.2 V
signalling
0.819
1.386
V
VOLE
External output low
External UART output (DP/DN) 3.3 V
signalling
0
0.3
V
VOHE
External output high
External UART output (DP/DN) 3.3 V
signalling
2.8
3.6
V
VILE
External input low
External UART input (DP/DN) 3.3 V
signalling
0.8
V
VIHE
External input high
External UART input (DP/DN) 3.3 V
signalling
2
V
USB (DP, DN)
Zinp_Dx
Impedance to GND, no pull up or pull
down
Vin=3.6 V, VDD3V3=3.0 V, Input
Characteristics
(1)
390
kΩ
CIO_Dx
Capacitance to GND
Measured with VNA at 240 MHz, Driver
Hi-Z
10
pF
RPUI
Bus pull-up resistor on upstream facing
port (idle)
High-speed Device Speed
Identification
(1)
0.92
1.1
1.475
kΩ
RPUR
Bus pull-up resistor on upstream facing
port (receiving)
High-speed Device Speed
Identification
(1)
1.525
2.2
2.99
kΩ
RPD
Bus pull-down resistor on downstream
facing port
High-speed Device Speed
Identification
(1)
14.35
19
24.6
kΩ
VHSTERM
Termination voltage in highspeed
The output voltage in the high-
speed idle state, High-speed Input
Characteristics
(1)
–10
10
mV
USB TERMINATION
ZHSTERM_P
Driver Output Resistance (which also
serves as high speed termination)
(VOH= 0 to 600 mV) Full-speed (12
Mb/s) Driver Characteristics
(1), Default,
U_HS_TERM_Px setting 01
40.6
45
49.4
Ω
ZHSTERM_N
Driver Output Resistance (which also
serves as high speed termination)
(VOH= 0 to 600 mV) Full-speed (12
Mb/s) Driver Characteristics
(1), Default,
U_HS_TERM_Px setting 01
40.6
45
49.4
Ω
TUSB2E11
SLLSFI4A – NOVEMBER 2021 – REVISED JUNE 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB2E11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com