| 전자부품 데이터시트 검색엔진 |
|
R7FA6T2AB3CFM 데이터시트(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7FA6T2AB3CFM 데이터시트(HTML) 7 Page - Renesas Technology Corp |
|
7 / 93 page ![]() # A A 0 R 7 F A 6 T 2 A D 3 C F P Package type FP: LQFP 100 pins FM: LQFP 64 pins FL: LQFP 48 pins NB: QFN 64 pins NE: QFN 48 pins Quality Grade Operating temperature 3: -40°C to 105°C Code flash memory size D: 512 KB B: 256 KB Feature set A: CAN-FD not support B: CAN-FD support Group number Series name RA family Flash memory Renesas microcontroller Packaging, Terminal material (Pb-free) #AA: Tray/Sn (Tin) only Production identification code Figure 1.2 Part numbering scheme Table 1.11 Product list (1 of 2) Product part number Package code Code flash Data flash SRAM CAN-FD Operating temperature R7FA6T2AD3CFP PLQP0100KB-B 512 KB 16 KB 64 KB Not support -40 to +105°C R7FA6T2AD3CFM PLQP0064KB-C R7FA6T2AD3CFL PLQP0048KB-B R7FA6T2AD3CNB PWQN0064LB-A R7FA6T2AD3CNE PWQN0048KC-A R7FA6T2AB3CFP PLQP0100KB-B 256 KB R7FA6T2AB3CFM PLQP0064KB-C R7FA6T2AB3CFL PLQP0048KB-B R7FA6T2AB3CNB PWQN0064LB-A R7FA6T2AB3CNE PWQN0048KC-A RA6T2 Datasheet 1. Overview R01DS0400EJ0120 Rev.1.20 Mar 31, 2022 Page 7 of 93 |