전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F6123EVS 데이터시트(PDF) 2 Page - Renesas Technology Corp

부품명 F6123EVS
상세설명  Dual-beam Rx Active Beamforming IC 14.4 – 17.3 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6123EVS 데이터시트(HTML) 2 Page - Renesas Technology Corp

  F6123EVS Datasheet HTML 1Page - Renesas Technology Corp F6123EVS Datasheet HTML 2Page - Renesas Technology Corp F6123EVS Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
F6123 Short-Form Datasheet
© 2020 Renesas Electronics Corporation
2
June 4, 2020
Ordering Information
Orderable Part Number
Package
MSL Rating
Carrier Type
Temperature
F6123AVGI
3.8
 4.6  0.9 mm 63-BGA
3
Tray
-40°C to +85°C
F6123AVGI8
3.8
 4.6  0.9 mm 63-BGA
3
Reel
-40°C to +85°C
F6123EVS
F6123 Evaluation System. Includes Digital Interface Board, RF Evaluation Board, USB Cable, Power Supply
Cable, Digital Interconnect Cable, Evaluation Software, Device Drivers and RF De-embed Files.



Html Pages

1 2 3