전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MM8Z20VC 데이터시트(PDF) 4 Page - First Silicon Co., Ltd

부품명 MM8Z20VC
상세설명  SOD - 882 Surface M ount Zener Volt ag e Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FS [First Silicon Co., Ltd]
홈페이지  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MM8Z20VC 데이터시트(HTML) 4 Page - First Silicon Co., Ltd

  MM8Z20VC Datasheet HTML 1Page - First Silicon Co., Ltd MM8Z20VC Datasheet HTML 2Page - First Silicon Co., Ltd MM8Z20VC Datasheet HTML 3Page - First Silicon Co., Ltd MM8Z20VC Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
2021. 08. 20
4/4
Revision No : 0
MM8Z2V0C~MM8Z75VC
SOD-882 Package Outline
Typical Soldering Pattern(mm):
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
0.46
0.50
0.018
0.020
A1
---
0.03
---
0.001
b
0.45
0.55
0.018
0.022
D
0.55
0.65
0.022
0.026
E
0.95
1.05
0.037
0.041
e1
Typ. 0.65
Typ. 0.026
L
0.20
0.30
0.008
0.012



Html Pages

1 2 3 4