전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RF071MM2STR 데이터시트(PDF) 17 Page - Infineon Technologies AG

부품명 RF071MM2STR
상세설명  iMOTION™ modular application design kit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RF071MM2STR 데이터시트(HTML) 17 Page - Infineon Technologies AG

Back Button RF071MM2STR Datasheet HTML 13Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 14Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 15Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 16Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 17Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 18Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 19Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 20Page - Infineon Technologies AG RF071MM2STR Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
User manual
17
Revision 1.1
2020-09-29
EVAL-M1-IM240-A user manual
iMOTION™ modular application design kit
Getting started with EVAL-M1-IM240-A
Note: On-board Debugger portion of EVAL-M1-101T is galvanically isolated from the controller portion and the
attached power board. In order to program the parameters or firmware to the IMC101T-T038 controller, the
3.3 V DC voltage needs to be supplied to the controller portion of the EVAL-M1-101T. This voltage can either
be supplied by the power board (MADK power boards are designed to supply the 3.3 V to the control board
through M1 connector) or by feeding the 3.3 V DC voltage to the control board through some of the available
3.3 V access/test points if the power board is not attached to the EVAL-M1-101T control board.
To program new firmware and drive system parameter into IMC101T-T038, please click “Tools” menu and
select “Programmer” in the pull down list. The pop-up window “Program IMC controller” will show up as in
Figure 10. Click on the “Program Firmware and Parameter” radio button, and select the drive system parameter
file created using MCEWizard by clicking on the “Browse” button on the row of “Program Parameter File”, and
then select the firmware file by clicking on the “Browse” button on the row of “Program Firmware File”. Finally,
click on the “Start” button to program the parameter file into the IMC101T-T038 IC.
Figure 10 Program firmware and parameter in “Program IMC Controller” pop-up window
All the latest firmware files for different types of iMOTIONTM motor control ICs are available for download via
Infineon iMOTIONTMwebsite (http://www.infineon.com/imotion-software).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36