전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F56609BDFB 데이터시트(PDF) 1 Page - Renesas Technology Corp

부품명 R5F56609BDFB
상세설명  120-MHz 32-bit RX MCU, on-chip FPU, 709 CoreMark, Supportive of 5V power supply, up to 1-MB flash memory, up to 128-KB SRAM, 32-KB data flash memory, various communications interfaces, including CAN FD,12-bit A/D converter
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56609BDFB 데이터시트(HTML) 1 Page - Renesas Technology Corp

  R5F56609BDFB Datasheet HTML 1Page - Renesas Technology Corp R5F56609BDFB Datasheet HTML 2Page - Renesas Technology Corp R5F56609BDFB Datasheet HTML 3Page - Renesas Technology Corp R5F56609BDFB Datasheet HTML 4Page - Renesas Technology Corp R5F56609BDFB Datasheet HTML 5Page - Renesas Technology Corp R5F56609BDFB Datasheet HTML 6Page - Renesas Technology Corp R5F56609BDFB Datasheet HTML 7Page - Renesas Technology Corp R5F56609BDFB Datasheet HTML 8Page - Renesas Technology Corp R5F56609BDFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 123 page
background image
RX660 Group
Renesas MCUs
Datasheet
R01DS0393EJ0100 Rev.1.00
Page 1 of 123
Mar 18, 2022
Features
■ 32-bit RXv3 CPU core
 Maximum operating frequency: 120 MHz
Capable of 709 CoreMark in operation at 120 MHz
 A collective register bank save function is available.
 Supports the memory protection unit (MPU)
 JTAG and FINE (one-line) debugging interfaces
■ Low-power design and architecture
 Operation from a single 2.7- to 5.5-V supply
 Deep software standby mode with the RTC continuing to run
 Four low-power modes
■ On-chip code flash memory
 Supports versions with up to 1 Mbyte of ROM
 No waiting for access in 120-MHz operation
 User code is programmable by on-board or off-board programming.
 Programming/erasing as background operations (BGOs)
■ On-chip data flash memory
 32 Kbytes, reprogrammable up to 100,000 times
 Programming/erasing as background operations (BGOs)
■ On-chip SRAM
 128 Kbytes of SRAM (no wait states)
■ External address space
 Buses for full-speed data transfer (maximum operating frequency of
40 MHz)
 Four CS areas
 8- or 16-bit bus space is selectable per area
■ Data transfer
 DMACAa: 8 channels
 DTCb: 1 channel
■ ELC
 Module operation can be initiated by event signals without using
interrupts
 Linked operation between modules is possible when the CPU is in
sleep mode
■ Reset and supply management
 Power-on reset (POR)
 Low voltage detection (LVD)
■ Clock functions
 The main clock oscillator is connectable to an 8- to 24-MHz external
crystal resonator and usable as the PLL reference clock.
 A sub-clock oscillator connectable to a 32.768-kHz crystal resonator
 Internal 240-kHz LOCO and HOCO selectable from 16, 18, and 20
MHz
 120-kHz clock for the IWDTa
■ Real-time clock
 Adjustment functions (30 seconds, leap year, and error)
 Real-time clock counting and binary counting modes are selectable
 Time capture in response to an event-signal input
■ Independent watchdog timer
 120-kHz IWDT-dedicated on-chip oscillator clock operation
■ Useful functions for IEC60730 compliance
 Oscillation-stoppage detection, functions for self-diagnosis and
detection of disconnection for the A/D converter, clock frequency
accuracy measurement circuit, independent watchdog timer, RAM
test-assisting function by DOC, and CRCA, etc.
 Register write protection function that protects important registers
against overwriting
■ Remote control signal receiver
■ Various communications interfaces
 CAN FD: Compliant with ISO 11898-1:2015, standard frame and
extended frame (1 channel)
 SCIk, SCIm, and SCIh with multiple functionalities (up to 13
channels)
Choose from among asynchronous mode, clock-synchronous mode,
smart-card interface mode, simplified SPI, simplified I2C, and
extended serial mode.
 SCIm with 16-byte transmission and reception FIFOs (up to 2
channels)
 The I2C bus interfaces (RIICa) for transfer at up to 400 kbps (fast
mode), capable of SMBus operation (2 channels)
 RSPId (1 channel) for transfer at up to 30 Mbps
■ Up to 19 extended-function timers
 16-bit MTU3a
 8-bit TMRb (4 channels), 16-bit CMT (4 channels), 32-bit CMTW (2
channels)
■ 12-bit A/D converter
 Single 12-bit unit (24 channels)
 Self diagnosis, detection of analog input disconnection
■ Analog Comparator (CMPC): 4 channels
■ 12-bit D/A converter (R12DAb): 2 channels
 Usable as a reference voltage for the analog comparator
■ Temperature sensor for measuring temperature
within the chip
■ Up to 134 pins for general I/O ports
 5-V tolerance, open drain, input pull-up, switchable driving ability
■ Operating temp. range
 D-version: –40C to +85C
 G-version: –40C to +105C
PLQP0144KA-B 20 × 20 mm, 0.5 mm pitch
PLQP0100KB-B 14 × 14 mm, 0.5 mm pitch
PLQP0080KB-B 12 × 12 mm, 0.5 mm pitch
PLQP0064KB-C 10 × 10 mm, 0.5 mm pitch
PLQP0048KB-B 7 × 7 mm, 0.5 mm pitch
120-MHz 32-bit RX MCU, on-chip FPU, 709 CoreMark, Supportive of 5V power supply, up to 1-MB flash memory,
up to 128-KB SRAM, 32-KB data flash memory, various communications interfaces, including CAN FD,
12-bit A/D converter, 12-bit D/A converter, Analog comparator, RTC, Remote control signal receiver
R01DS0393EJ0100
Rev.1.00
Mar 18, 2022
Features


유사한 부품 번호 - R5F56609BDFB

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
R5F566NDDDBD RENESAS-R5F566NDDDBD Datasheet
1Mb / 175P
Renesas MCUs
Rev.1.20 Nov 15, 2023
R5F566NDDDBG RENESAS-R5F566NDDDBG Datasheet
1Mb / 175P
Renesas MCUs
Rev.1.20 Nov 15, 2023
R5F566NDDDFB RENESAS-R5F566NDDDFB Datasheet
1Mb / 175P
Renesas MCUs
Rev.1.20 Nov 15, 2023
R5F566NDDDFC RENESAS-R5F566NDDDFC Datasheet
1Mb / 175P
Renesas MCUs
Rev.1.20 Nov 15, 2023
R5F566NDDDFP RENESAS-R5F566NDDDFP Datasheet
1Mb / 175P
Renesas MCUs
Rev.1.20 Nov 15, 2023
More results

유사한 설명 - R5F56609BDFB

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX66T RENESAS-RX66T Datasheet
2Mb / 201P
160-MHz, 32-bit RX MCU, on-chip FPU, 928 CoreMark, Supportive of 5V power supply,
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX671 RENESAS-RX671 Datasheet
2Mb / 178P
120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
Apr 15, 2022
RX66T RENESAS-RX66T_V01 Datasheet
1Mb / 151P
160-MHz, 32-bit RX MCU, on-chip FPU, 928 CoreMark, Supportive of 5V power supply,up to 1-MB flash memory, up to 128-KB SRAM, 32-KB data flash memory, 16-KB SRAM with ECC
Apr 22, 2022
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com