| 전자부품 데이터시트 검색엔진 |
|
RZ/G2UL 데이터시트(PDF) 33 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/G2UL 데이터시트(HTML) 33 Page - Renesas Technology Corp |
|
33 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 2. Functional Specifications R01UH0990EJ0101 Rev.1.01 Page 33 of 83 Jul 28, 2022 Table 2.2 List of Pin Function Selection Used on Each Module Board (9/18) Pin Location Pin Name RZ/G2UL Pin Function RZ/A3UL Pin Function RZ/Five Pin Function Description SMARC Pin No. SMARC Pin Name C11 P12_1/IRQ1/ SCI0_TXD/ MTIOC0B/ SCIF3_RXD/ DISP_DATA5 DISP_DATA5 DISP_DATA5 P12_1 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — — C12 P13_2/ SCIF0_SCK/ CAN0_RX/ MTIOC4C/ DISP_DATA6 DISP_DATA6 DISP_DATA6 P13_2 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — — C13 P14_0/ SCIF1_TXD/ CAN1_TX/ MTIC5U/ SCI0_RXD/ DISP_DATA7 DISP_DATA7 DISP_DATA7 P14_0 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — — A13 P14_2/ SCIF1_SCK/ ADC_TRG/ CAN1_TX_ DATARATE_EN/ MTIC5W/ SCI0_SCK/ DISP_DATA8/ IRQ3 DISP_DATA8 DISP_DATA8 P14_2 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — — B13 P14_1/ SCIF1_RXD/ CAN1_RX/ MTIC5V/ SCI0_TXD/ DISP_DATA9/ IRQ2 DISP_DATA9 DISP_DATA9 P14_1 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — — C9 P11_1/ SSI0_RCK/ POE4#/ SCI1_TXD/ RSPI2_MOSI/ DISP_DE DISP_DE DISP_DE P11_1 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — — B9 P11_0/SSI0_BCK /POE0#/ SCI1_RXD/ RSPI2_CK/ DISP_HSYNC DISP_HSYNC DISP_HSYNC P11_0 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — — C10 P12_0/IRQ0/ SCI0_RXD/ MTIOC0A/ SCIF3_TXD/ DISP_VSYNC DISP_VSYNC DISP_VSYNC P12_0 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — — B22 P18_4/IRQ6/ RSPI0_MISO/ SCI0_RXD/ USB1_VBUSEN/ ADC_TRG/ SCI1_TXD/ SCIF4_RXD IRQ6 IRQ6 IRQ6 Carrier Board Connector, connected to PMOD0 connector (J1) P114 GPIO4 |