전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX182 데이터시트(PDF) 8 Page - Texas Instruments

부품명 OPAX182
상세설명  OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

OPAX182 데이터시트(HTML) 8 Page - Texas Instruments

Back Button OPAX182 Datasheet HTML 4Page - Texas Instruments OPAX182 Datasheet HTML 5Page - Texas Instruments OPAX182 Datasheet HTML 6Page - Texas Instruments OPAX182 Datasheet HTML 7Page - Texas Instruments OPAX182 Datasheet HTML 8Page - Texas Instruments OPAX182 Datasheet HTML 9Page - Texas Instruments OPAX182 Datasheet HTML 10Page - Texas Instruments OPAX182 Datasheet HTML 11Page - Texas Instruments OPAX182 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
7.7 Electrical Characteristics
at TA = 25°C, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
±0.45
±4
µV
TA = 0°C to 85°C
±4
TA = –40°C to +125°C
±4
dVOS/dT
Input offset voltage drift
TA = 0°C to 85°C
OPA182ID, OPA2182
±0.003
±0.012
µV/°C
OPA182IDBV,
OPA4182ID
±0.003
±0.020
TA = –40°C to +125°C
OPA182ID, OPA2182
±0.003
±0.012
OPA182IDBV,
OPA4182ID
±0.003
±0.020
PSRR
Power-supply rejection
ratio
TA = –40°C to +125°C
OPA182
±0.005
±0.07
µV/V
OPA2182,
OPA4182ID
±0.005
±0.05
INPUT BIAS CURRENT
IB
Input bias current
ZIN = 100 kΩ || 500 pF
±50
±350
pA
TA = 0°C to 85°C
±1
nA
TA = –40°C to
+125°C
±7
IOS
Input offset current
ZIN = 100 kΩ || 500 pF
±140
±700
pA
TA = 0°C to 85°C
±2
nA
TA = –40°C to
+125°C
±3
NOISE
En
Input voltage noise
f = 0.1 Hz to 10 Hz
18
nVRMS
0.119
µVPP
en
Input voltage noise
density
f = 10 Hz
5.7
nV/√Hz
f = 100 Hz
5.7
f = 1 kHz
5.7
f = 10 kHz
5.7
in
Input current noise
density
f = 1 kHz
165
fA/√Hz
INPUT VOLTAGE
VCM
Common-mode voltage
range
(V–) – 0.1
(V+) – 2.5
V
CMRR
Common-mode
rejection ratio
(V–) – 0.1 V ≤ VCM ≤ (V+) – 2.5
V
VS = ±2.25 V
120
140
dB
VS = ±18 V, OPA182
141
168
VS = ±18
V, OPA2182,
OPA4182ID
143
168
(V–) – 0.1 V ≤ VCM ≤ (V+) – 2.5
V,
TA = –40°C to +125°C
VS = ±2.25 V
120
VS = ±18 V, OPA182,
OPA2182
140
(V–) ≤ VCM ≤ (V+) – 2.5 V,
TA = –40°C to +125°C
VS = ±18 V,
OPA4182ID
130
OPA182, OPA2182, OPA4182
SBOS936E – NOVEMBER 2019 – REVISED AUGUST 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA182 OPA2182 OPA4182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com