| 전자부품 데이터시트 검색엔진 |
|
PFP-100N 데이터시트(PDF) 3 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
PFP-100N 데이터시트(HTML) 3 Page - Omron Electronics LLC |
|
3 / 7 page ![]() G3PC 3 Operation ■ Failure Detection Function Conditions for SSR Failure Detection Note: 1. The contents of each of the above failure modes is as follows: SSR short-circuit: SSR output circuit remains in the ON state. SSR half-wave short-circuit: SSR output circuit remains in the ON state in one direction. SSR open-circuit: SSR output circuit remains in the OFF state. SSR half-wave open-circuit: SSR output circuit remains in the OFF state in one direction. In addition to the failure modes listed above, detection of circuit disconnections for the load circuit is also possible. (As a rough guide, circuit disconnection will be detected if the load impedance is greater than or equal to 1 M Ω.) 2. The same power supply is used for both the detection and for the output circuit and so detection is not performed during power interruptions. 3. If power supply (terminal 3) is in the open state, the SSR will still turn ON and OFF in the same way but the failure detection function and alarm display will not operate properly. Connection Diagrams (Main Circuit) The following diagrams show the applicable load connection configurations for SSR failure detection. Note: 1. With 3-phase connection, so that the power supply voltage is applied between the G3PC’s terminals 1/L1 and 3, connect the desired phase to terminal 3. 2. When grounding to a neutral point with a three-phase start connection, an overvoltage will be applied to the G3PC if the neutral point becomes disconnected, possibly causing product failure. Make sure the connection to the neutral point is secure. 3. Detection is not possible for the heater indicated with an asterisks with a three-phase delta connection. Timing Chart Note: After failure detection, if the detection conditions differ to the conditions given under Conditions for SSR Failure Detection, alarm output is reset. Failure mode (See note 1.) Operating input (between terminals A1 and A2) Detection time Alarm display (See note 3.) Alarm display (between terminals X1 and X2) (See note 3.) SSR short-circuit OFF 0.5 s max. (See note 2.) Red Open collector transistor output SSR half-wave short-circuit OFF SSR open-circuit ON SSR half-wave open-circuit ON Single Phase 3-phase Star Connection 3-phase Delta Connection (3-phase, 2-wire Switching) 3-phase V Connection G3PC G3PC G3PC G3PC G3PC G3PC G3PC G3PC Heater Main circuit power supply (load side) Operating input (between terminals A1 and A2) Input LED (yellow) Load current RDY/ALM LED (Green: ; Red: ) Alarm output (between terminals X1 and X2) SSR ON normally SSR OFF normally SSR short-circuit Reset (See note.) SSR open-circuit Reset (See note.) SSR failure detection Circuit disconnection detection on the load side Load circuit disconnection Reset (See note.) |