| 전자부품 데이터시트 검색엔진 |
|
74LVC2T45 데이터시트(PDF) 13 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
74LVC2T45 데이터시트(HTML) 13 Page - Diodes Incorporated |
|
13 / 15 page ![]() 74LVC2T45 Document number: DS43360 Rev. 1 - 2 13 of 15 www.diodes.com January 2021 © Diodes Incorporated 74LVC2T45 Package Outline Dimensions Please see http://www.diodes.com/package-outlines.html for the latest version. X2-DFN1210-8 X2-DFN1210-8 Dim Min Max Typ A - 0.35 0.30 A1 0 0.03 0.02 b 0.10 0.20 0.15 D 1.15 1.25 1.20 E 0.95 1.05 1.00 e - - 0.30 k - - 0.25 k1 - - 0.20 L 0.25 0.35 0.30 L1 0.30 0.40 0.35 z 0.050 0.100 0.075 z1 0.050 0.100 0.075 All Dimensions in mm X2-DFN1410-8 X2-DFN1410-8 Dim Min Max Typ A 0.30 0.35 0.33 A1 0.00 0.03 0.02 A3 -- -- 0.10 b 0.12 0.20 0.15 D 1.30 1.40 1.35 E 0.95 1.05 1.00 e -- -- 0.35 e1 -- -- 0.55 L 0.27 0.35 0.30 L1 0.32 0.40 0.35 All Dimensions in mm E k1 L(7x) D e z(4x) k L1 z1(4x) b (Pin #1 ID) C0.5X45° Seating Plane A A1 1 A1 A A3 E D b L(7x) La e A e1 |