전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GP321015-CSC3 데이터시트(PDF) 6 Page - CT Micro International Corporation

부품명 GP321015-CSC3
상세설명  SMD Type Green Emitter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CTMICRO [CT Micro International Corporation]
홈페이지  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

GP321015-CSC3 데이터시트(HTML) 6 Page - CT Micro International Corporation

Back Button GP321015-CSC3 Datasheet HTML 2Page - CT Micro International Corporation GP321015-CSC3 Datasheet HTML 3Page - CT Micro International Corporation GP321015-CSC3 Datasheet HTML 4Page - CT Micro International Corporation GP321015-CSC3 Datasheet HTML 5Page - CT Micro International Corporation GP321015-CSC3 Datasheet HTML 6Page - CT Micro International Corporation GP321015-CSC3 Datasheet HTML 7Page - CT Micro International Corporation GP321015-CSC3 Datasheet HTML 8Page - CT Micro International Corporation GP321015-CSC3 Datasheet HTML 9Page - CT Micro International Corporation GP321015-CSC3 Datasheet HTML 10Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CT Micro
Rev 3
Proprietary & Confidential
Page 6
Jan, 2021
GP321015-CSC3
SMD Type Green Emitter
Package Dimension All dimensions are in mm, unless otherwise stated
Note: Tolerance unless mentioned is ±0.1mm.
Recommended Soldering Mask All dimensions are in mm, unless otherwise stated
Note: Tolerance unless mentioned is ±0.1mm.
Ordering Information
Part Number
Description
Quantity
GP321015-CSC3
Tape & Reel
3000 pcs



Html Pages

1 2 3 4 5 6 7 8 9 10