전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP5912 데이터시트(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
부품명 LP5912
상세설명  LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LP5912 데이터시트(HTML) 23 Page - Texas Instruments

Back Button LP5912 Datasheet HTML 19Page - Texas Instruments LP5912 Datasheet HTML 20Page - Texas Instruments LP5912 Datasheet HTML 21Page - Texas Instruments LP5912 Datasheet HTML 22Page - Texas Instruments LP5912 Datasheet HTML 23Page - Texas Instruments LP5912 Datasheet HTML 24Page - Texas Instruments LP5912 Datasheet HTML 25Page - Texas Instruments LP5912 Datasheet HTML 26Page - Texas Instruments LP5912 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
8.3 Power Supply Recommendations
This device is designed to operate from an input supply voltage range of 1.6 V to 6.5 V. The input supply must
be well regulated and free of spurious noise. To ensure that the LP5912-EP output voltage is well regulated and
dynamic performance is optimum, the input supply must be at least VOUT + 0.5 V. A minimum capacitor value of
1 µF is required to be within 1 cm of the IN pin.
8.4 Layout
8.4.1 Layout Guidelines
The dynamic performance of the LP5912-EP is dependent on the layout of the PCB. PCB layout practices that
are adequate for typical LDOs can degrade the PSRR, noise, or transient performance of the LP5912-EP.
Best performance is achieved by placing CIN and COUT on the same side of the PCB as the LP5912-EP, and as
close to the package as practical. The ground connections for CIN and COUT must route back to the LP5912-EP
ground pin using as wide and as short of a copper trace as practical.
Connections using long trace lengths, narrow trace widths, or connections through vias must be avoided.
Such connections add parasitic inductances and resistance that result in inferior performance, especially during
transient conditions.
8.4.2 Layout Example
1
2
3
6
5
4
OUT
NC
PG
IN
GND
EN
CIN
RPG
COUT
Thermal Vias (2)
Figure 8-4. LP5912-EP Layout Example
www.ti.com
LP5912-EP
SNVSC57 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LP5912-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com