| 전자부품 데이터시트 검색엔진 |
|
STM32F405RG 데이터시트(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F405RG 데이터시트(HTML) 60 Page - STMicroelectronics |
|
60 / 204 page ![]() Pinouts and pin description STM32F405xx, STM32F407xx 60/203 DS8626 Rev 9 PF0 A0 A0 - - - - PF1 A1 A1 - - - - PF2 A2 A2 - - - - PF3 A3 A3 - - - - PF4 A4 A4 - - - - PF5 A5 A5 - - - - PF6 NIORD - - - - - PF7 NREG - - - - - PF8 NIOWR - - - - - PF9 CD - - - - - PF10 INTR - - - - - PF12 A6 A6 - - - - PF13 A7 A7 - - - - PF14 A8 A8 - - - - PF15 A9 A9 - - - - PG0 A10 A10 - - - - PG1 A11 - - - - PE7 D4 D4 DA4 D4 Yes Yes PE8 D5 D5 DA5 D5 Yes Yes PE9 D6 D6 DA6 D6 Yes Yes PE10 D7 D7 DA7 D7 Yes Yes PE11 D8 D8 DA8 D8 Yes Yes PE12 D9 D9 DA9 D9 Yes Yes PE13 D10 D10 DA10 D10 Yes Yes PE14 D11 D11 DA11 D11 Yes Yes PE15 D12 D12 DA12 D12 Yes Yes PD8 D13 D13 DA13 D13 Yes Yes PD9 D14 D14 DA14 D14 Yes Yes PD10 D15 D15 DA15 D15 Yes Yes PD11 - A16 A16 CLE Yes Yes PD12 - A17 A17 ALE Yes Yes PD13 - A18 A18 - Yes - PD14 D0 D0 DA0 D0 Yes Yes Table 8. FSMC pin definition (continued) Pins(1) FSMC LQFP100(2) WLCSP90 (2) CF NOR/PSRAM/ SRAM NOR/PSRAM Mux NAND 16 bit |