| 전자부품 데이터시트 검색엔진 |
|
AM1107 데이터시트(PDF) 9 Page - AMtek SEMICONDUCTORS CO., LTD |
|
|
|||||||||||||||||||||||||||||
AM1107 데이터시트(HTML) 9 Page - AMtek SEMICONDUCTORS CO., LTD |
|
9 / 12 page ![]() AM1107 Motor Driver ICs AMtek semiconductors Apr. 2016 V0.1 - 9 - Practically, most of the device heat goes into the PCB, there is a very low heat flow through top of the package, So the temperature difference between Tj and Tt shall be small, that is any error caused by PCB variation is small. This constant represents that Ψjt is completely PCB independent and could be used to predict the Tj in the environment of the actual PCB if Tt is measured properly. How to predict Tj in the environment of the actual PCB Step 1 : Used the simulated Ψjt value listed above. Step 2 : Measure Tt value by using Thermocouple Method We recommend use of a small ~40 gauge(3.15mil diameter) thermocouple. The bead and thermocouples wires should touch the top of the package and be covered with a minimal amount of thermally conductive epoxy. The wires should be heat-insulated to prevent cooling of the bead due to heat loss into wires. This is important towards preventing “too cool” Tt measurements, which would lead to the calculated Tj also being too cool. IR Spot Method An IR Spot method should be utilized only when using a tool with a small enough spot area to acquire the true top center “hot spot”. Many so- called “small spot size” tools still have a measurement area of 0~100+mils at “zero” distance of the tool from the surface. This spot area is too big for many smaller packages and likely would result in cooler readings than the small thermocouple method. Consequently, to match between spot area and package surface size is important while measuring Tt with IR sport method. Step 3 : calculating power dissipation by P (VCC–|Vo_ Hi – Vo_Lo|) x Iout + VCC x Icc Step 4 : Estimate Tj value by Tj= Ψjt x P+Tt Step 5: Calculated Θja value of actual PCB by the known Tj Θja(actual) = (Tj-Ta)/P |