전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCD4X 데이터시트(PDF) 7 Page - Sensirion AG Switzerland

부품명 SCD4X
상세설명  Breaking the size barrier in CO2 sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSIRION [Sensirion AG Switzerland]
홈페이지  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD4X 데이터시트(HTML) 7 Page - Sensirion AG Switzerland

Back Button SCD4X Datasheet HTML 3Page - Sensirion AG Switzerland SCD4X Datasheet HTML 4Page - Sensirion AG Switzerland SCD4X Datasheet HTML 5Page - Sensirion AG Switzerland SCD4X Datasheet HTML 6Page - Sensirion AG Switzerland SCD4X Datasheet HTML 7Page - Sensirion AG Switzerland SCD4X Datasheet HTML 8Page - Sensirion AG Switzerland SCD4X Datasheet HTML 9Page - Sensirion AG Switzerland SCD4X Datasheet HTML 10Page - Sensirion AG Switzerland SCD4X Datasheet HTML 11Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.sensirion.com
Version 1.1 – April 2021
7/22
3 Digital Interface Description
All SCD4x commands and data are mapped to a 16-bit address space.
SCD4x
Hex. Code
I2C address
0x62
Table 8 I2C device address.
3.1 Power-Up and Communication Start
The sensor starts powering-up after reaching the power-up threshold voltage VDD,Min = 2.25 V. After reaching this threshold
voltage, the sensor needs 1000 ms to enter the idle state. Once the idle state is entered it is ready to receive commands from
the master.
Each transmission sequence begins with a START condition (S) and ends with a STOP condition (P) as described in the I2C-
bus specification.
3.2 Data type & length
Data sent to and received from the sensor consists of a sequence of 16-bit commands and/or 16-bit words (each to be interpreted
as unsigned integer, most significant byte transmitted first). Each data word is immediately succeeded by an 8-bit CRC. In write
direction it is mandatory to transmit the checksum. In read direction it is up to the master to decide if it wants to process the
checksum (see chapter 3.11).
3.3 Command Sequence Types
The SCD4x features four different I2C command sequence types: “read I2C sequences”, “write I2C sequences”,“send I2C
command” and “send command and fetch result” sequences. Figure 2 illustrates how the I2C communication for the different
sequence types is built-up.
Figure 2: Command Sequence types: “write” sequence, “send command” sequence, “read”
sequence, and “send command and fetch result” sequence.
For “read”” or “send command and fetch results” sequences, after writing the address and/or data to the sensor and sending the
ACK bit, the sensor needs the execution time (see Table 9) to respond to the I2C read header with an ACK bit. Hence, it is
required to wait the command execution time before issuing the read header. Commands must not be sent while a previous
command is being processed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com