| 전자부품 데이터시트 검색엔진 |
|
TNETE100A 데이터시트(PDF) 12 Page - Pulse A Technitrol Company |
|
|
|||||||||||||||||||||||||||||
TNETE100A 데이터시트(HTML) 12 Page - Pulse A Technitrol Company |
|
12 / 12 page ![]() NOTE: ICs are in groups. Each group works with all adjacent Pulse parts. *L/W/H is measured on surface mount parts tip to tip (height includes wash area). Speed IC Manufacturer/ Pulse Ports Configuration 1 Turns Ratio 2 Package Data IC Part Number Part No. Supported TX RX TX RX Style 3 L/W/H (in)* Sheet ATM NETWORK COMPONENTS 155 ATM National / 83223 PE-68517L Single Port C, T, C, S C, T 1CT:1CT 1CT:1CT SMT 1.000 / .510 / .370 H303 MicroLinear / ML6674 PE-68515L Single Port T, C, S C, T 1CT:1CT 1CT:1CT SMT 1.000 / .510 / .370 H303 PMC Sierra / PM5350 H1019 Single Port C, T, C, S C, T 1CT:1CT 1CT:1CT SMT 1.000 / .510 / .230 H303 H1012 Single Port T, C, S C, T 1CT:1CT 1CT:1CT SMT 1.000 / .510 / .230 H303 H1027 Dual Port C, T, C, S C, T 1CT:1CT 1CT:1CT SMT 1.125 / .640 / .230 H322 H1028 Dual Port T, C, S C, T 1CT:1CT 1CT:1CT SMT 1.125 / .640 / .230 H322 H1049 Dual Port T, C, S C, T 1CT:1CT 1CT:1CT SMT 1.125 / .640 / .230 H322 H1036L Quad Port T, C C, T 1CT:1 1CT:1CT SMT 1.125 / .640 / .230 H316 H1044 Quad Port T, C C, T 1CT:1 1CT:1CT SMT 1.125 / .640 / .230 H316 1. Configuration: T = Transformer, C = Choke, S = Shunt Inductor 2. Turns Ratio is referenced chip side to media side. 3. Package Style: SMT– Surface Mount Package LAN ATM IC CROSS REFERENCE 38 www.pulseeng.com G003.U (2/07) LAN ATM IC Cross Reference |